Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R65FCJ-R

  • AI
    The **M7R65FCJ-R** is a specific part number belonging to a high-performance **N-Channel Power MOSFET** series. These components are primarily designed for efficient power switching and conversion in industrial and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The device is optimized for low on-resistance and high-speed switching. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Polarity** | N-Channel | Standard configuration for low-side switching. | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | The maximum voltage it can handle across the drain and source. | | **Continuous Drain Current ($I_D$)** | ~7A to 10A* | Maximum current it can carry (varies by thermal design). | | **$R_{DS(on)}$** | ~0.65Ω | Resistance when fully "ON"; lower values reduce heat loss. | | **Package Type** | TO-220 / TO-220F | Standard through-hole package for heat sink mounting. | | **Gate Charge ($Q_g$)** | Low | Allows for faster switching speeds. | *\*Note: Current ratings are subject to the specific thermal management of the circuit.* --- ### 2. Key Internal Components & Architecture The M7R65FCJ-R utilizes **Super Junction (SJ) MOSFET** technology. This differs from standard planar MOSFETs in several ways: * **P-column structure:** It uses a vertical p-type pillar structure within the n-type epitaxial layer to achieve a higher breakdown voltage with a thinner die. * **Reduced $R_{DS(on)}$:** Because the structure allows for higher doping, the resistance is significantly lower than traditional MOSFETs of the same size. * **Fast Recovery Body Diode:** Often includes an integrated diode to handle inductive kickback in motor or transformer circuits. --- ### 3. Application Areas This part is typically found in power stages where efficiency and high voltage tolerance are critical: 1. **Switch Mode Power Supplies (SMPS):** Used in the primary side of AC-DC converters. 2. **LED Lighting Drivers:** Provides the high-voltage switching needed for series-connected LEDs. 3. **PFC (Power Factor Correction):** Used to improve the efficiency of power input stages. 4. **Adapters and Chargers:** Found in laptop power bricks and high-wattage mobile chargers. --- ### 4. Identification & Substitutes When searching for this part or a replacement, look for these common features: * **Manufacturer:** Frequently associated with brands like *Magnachip* or similar power semiconductor specialists. * **"F" Suffix:** Usually indicates a "Full Pack" (TO-220F), meaning the package is plastic-insulated and doesn't require an insulating mica sheet when attached to a heatsink.
    ✨ Follow-up Questions
    • ⤷ How does the Super Junction technology in the M7R65FCJ-R compare to standard Planar MOSFETs?
    • ⤷ What are the thermal considerations when mounting the TO-220F version of this part?
    • ⤷ Can this MOSFET be driven directly by a 5V microcontroller logic signal?