Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R65TAJ-R

  • AI
    The **M7R65TAJ-R** is a specific part number belonging to the **eMMC (embedded MultiMediaCard)** category, manufactured by **Micron Technology**. It serves as a high-performance, non-volatile storage solution typically used in automotive and industrial applications. --- ### 1. General Specifications The M7R65TAJ-R belongs to the **MTFC** (Micron Technology Flash Card) family. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 64 GB | | **Interface** | eMMC 5.1 | | **Technology** | MLC (Multi-Level Cell) or TLC (depending on sub-revision) | | **Operating Voltage** | 2.7V to 3.6V (VCC) / 1.7V to 1.95V (VCCQ) | | **Package Type** | 153-ball VFBGA | | **Temperature Range** | Industrial/Automotive (-40°C to +85°C) | --- ### 2. Key Internal Components An eMMC device like the M7R65TAJ-R is not a single chip but a multi-chip package (MCP) consisting of: * **NAND Flash Memory:** The raw storage medium where data is physically stored. * **Integrated Controller:** A sophisticated microcontroller that handles: * **Wear Leveling:** Distributes write/erase cycles evenly across the memory cells to extend lifespan. * **Bad Block Management:** Identifies and maps out defective sectors. * **ECC (Error Correction Code):** Detects and fixes data corruption on the fly. * **Host Interface:** The physical pins and protocol logic that allow a CPU to communicate with the flash memory using the eMMC standard. --- ### 3. Key Performance Features (eMMC 5.1) The "R" suffix and the M7 architecture support several advanced eMMC 5.1 features: 1. **HS400 Support:** High-speed interface mode allowing data transfer rates up to **400 MB/s**. 2. **Command Queuing (CQ):** Allows the controller to manage multiple commands simultaneously, significantly improving random read/write speeds. 3. **Field Firmware Updates (FFU):** The ability to update the controller's internal logic after the device is soldered onto a board. 4. **Secure Purge:** Enhanced data deletion protocols for sensitive information. --- ### 4. Application Areas Due to its reliability and specific packaging, this part is commonly found in: * **Automotive Infotainment:** Storing maps, OS data, and media. * **Advanced Driver Assistance Systems (ADAS):** Logging sensor data. * **Industrial Automation:** Durable storage for PLC systems and HMI displays. * **Embedded Computing:** Single-board computers (SBCs) requiring high density in a small footprint.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between a 153-ball and a 169-ball eMMC package?
    • ⤷ How does MLC technology compare to TLC in terms of write endurance for this specific model?
    • ⤷ What is the typical lifespan of the M7R65TAJ-R in an automotive environment?