Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R71FCJ-R

  • AI
    The **M7R71FCJ-R** is an electronic component, specifically a part of the **M7 Series** of Magnetic Rotary Encoders produced by companies like **Magnescale** (formerly Sony Precision Technology). These devices are used for precision position feedback in industrial automation. --- ### 1. Component Specification Overview | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Rotary Encoder / Head Unit | | **Series** | M7 Series | | **Output Signal** | A/B Phase (Differential) + Index (Z) | | **Technology** | Magnetoresistive (MR) Sensing | | **Environment** | IP67 (Oil, water, and dust resistant) | | **Application** | CNC Lathes, Spindles, Motor Control | --- ### 2. Key Electronic Features #### A. Magnetoresistive (MR) Sensing Unlike optical encoders that use glass disks and light, the M7R71FCJ-R utilizes an MR sensor. * **How it works:** It detects changes in the magnetic field generated by a rotating magnetic drum or scale. * **Advantage:** It is immune to oil, coolant, and vibration, which typically cause optical encoders to fail. #### B. Signal Processing The "FCJ" suffix usually refers to the connector type and signal conditioning: * **Output:** It provides high-resolution square wave signals. * **Interpolation:** The internal electronics interpolate the analog magnetic sine waves into digital pulses, allowing for high resolution even at low speeds. #### C. Connector and Wiring The "-R" in the part number often indicates a specific cable length or a "Radial" cable exit orientation. The electronics are shielded to prevent Electromagnetic Interference (EMI) from high-power motors nearby. --- ### 3. Connection Pinout (Typical) While you should always consult the specific datasheet for your serial number, the standard wiring for this series usually follows this logic: | Wire Color | Signal Name | Description | | :--- | :--- | :--- | | Red | Vcc | Power Supply (Typically 5V DC) | | Black | 0V | Ground | | Blue | A+ | Phase A (Main Pulse) | | White | A- | Phase A (Inverted) | | Grey | B+ | Phase B (Directional Pulse) | | Yellow | B- | Phase B (Inverted) | | Pink | Z+ | Reference / Index Mark | --- ### 4. Technical Usage Considerations 1. **Mounting Gap:** The distance between the sensor head (M7R) and the magnetic drum is critical. If the electronics show a "weak signal," it is usually due to the gap being too wide. 2. **Power Requirements:** Ensure a stable 5V supply. Voltage drops over long cable runs can lead to signal "jitter" or loss of position. 3. **Termination:** Since it uses differential signals (RS-422 standard), the receiving end (PLC or CNC controller) should have 120-ohm termination resistors to prevent signal reflection.
    ✨ Follow-up Questions
    • ⤷What is the maximum RPM supported by the M7R71FCJ-R encoder?
    • ⤷ How do I troubleshoot a 'Signal Error' on a Magnescale M7 series unit?
    • ⤷ Can the M7R71FCJ-R be used with a standard 24V PLC input?