Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R71TAJ-R

  • AI
    The **M7R71TAJ-R** is a specific part number typically associated with **TDK-Lambda** power modules, specifically within the **i7C series** of non-isolated step-down (buck) DC-DC converters. These components are designed for high-efficiency power conversion in industrial, medical, and communications equipment. --- ### 1. Key Technical Specifications The following table highlights the general performance characteristics of this series of electronic parts: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Non-isolated Buck (Step-Down) Converter | | **Input Voltage Range** | 9V to 53V DC | | **Output Voltage Range** | 9.6V to 48V (Adjustable) | | **Output Current** | Up to 8A - 12.5A (Model dependent) | | **Efficiency** | Up to 97% | | **Package Style** | Through-hole (1/16th brick footprint) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Blocks Internally, the M7R71TAJ-R consists of several critical electronic sub-systems: * **PWM Controller:** The "brain" of the unit that monitors output voltage and adjusts the switching frequency to maintain stability. * **Power MOSFETs:** High-speed switches that handle the current flow. Their low "On-Resistance" ($R_{DS(on)}$) is what allows for the high efficiency. * **Inductor/Choke:** Stores energy magnetically during the switching cycle to smooth out the current. * **Control Loop (Trim/Sense):** * **Trim Pin:** Allows the user to adjust the output voltage using an external resistor. * **Remote Sense:** Compensates for voltage drops across PCB traces to ensure the load receives the exact required voltage. --- ### 3. Application Areas Because of its high power density and wide input range, it is commonly found in: 1. **Industrial Automation:** Powering PLCs and sensors from a 24V or 48V rail. 2. **Robotics:** Managing battery discharge levels while providing stable motor logic power. 3. **Test & Measurement:** Providing clean, adjustable power for laboratory equipment. --- ### 4. Part Number Breakdown (Prefix Logic) * **M7R:** Internal manufacturer code for the specific PCB layout and thermal design. * **TAJ:** Refers to the specific adjustment range and pin configuration (often "Negative Logic" for the remote On/Off function). * **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between isolated and non-isolated DC-DC converters?
    • ⤷ How do I calculate the external resistor value for the Trim pin?
    • ⤷ What are the thermal cooling requirements for the i7C series?