Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R72FCJ-R

  • AI
    Based on the part number provided, **M7R72FCJ-R** refers to a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module, specifically an **ECC Registered DIMM (RDIMM)**. These are typically used in server environments and high-end workstations where data integrity is critical. --- ### 1. General Specifications The following table outlines the technical characteristics of the M7R72FCJ-R series: | Parameter | Specification | | :--- | :--- | | **Memory Type** | DDR SDRAM (Registered) | | **Capacity** | Typically 512MB to 1GB (varies by revision) | | **Error Correction** | ECC (Error Correction Code) | | **Form Factor** | 184-Pin DIMM | | **Voltage** | 2.5V (Standard DDR1) | | **CAS Latency** | CL3 | | **Data Rate** | PC3200 (400 MHz) | --- ### 2. Key Electronic Components The module is composed of several critical electronic integrated circuits (ICs) and passive components: #### A. DRAM ICs (The Memory Chips) These are the individual memory cells (silicon dies) mounted on the PCB. - **Function:** Store the binary data. - **Organization:** Usually organized as $x4$ or $x8$ bit width. Because this is an ECC module, there is an extra chip for parity and error correction (9 chips per side instead of 8). #### B. The Register (Buffer) Unlike "Unbuffered" consumer RAM, this module features a **Register** chip. - **Function:** It acts as a buffer between the system memory controller and the DRAM ICs. - **Benefit:** It reduces the electrical load on the memory controller, allowing for more memory modules to be installed in a single system without signal degradation. #### C. SPD EEPROM (Serial Presence Detect) A small 8-pin chip located on the module. - **Function:** It stores the module's timing, speed, and manufacturer data. - **Process:** During boot, the BIOS reads this chip via the $I^2C$ bus to automatically configure memory settings. #### D. Passive Components - **Decoupling Capacitors:** Small SMD capacitors placed near each DRAM chip to filter electrical noise and stabilize the voltage supply. - **Terminating Resistors:** Used to prevent signal reflection on the high-speed data lines. --- ### 3. Usage Context This specific part is an older generation (DDR1) component. It is primarily found in legacy enterprise hardware, such as: 1. **IBM eServer systems.** 2. **Legacy HP ProLiant servers.** 3. **Industrial control systems** requiring high reliability and hardware-level error correction.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ECC Registered and Unbuffered memory?
    • ⤷ How does the Register chip help in server stability?
    • ⤷ Are these modules compatible with standard desktop motherboards?