Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R72TAJ-R

  • AI
    Based on the part number **M7R72TAJ-R**, this component is a high-performance **Magnetic Induction Coil / Power Inductor** typically manufactured by **ITG Electronics**. These components are engineered for high-frequency power conversion and are commonly found in Voltage Regulator Modules (VRM) for servers and data centers. --- ### 1. Key Technical Specifications The "M7R" series generally refers to molded power inductors with high saturation currents and low DCR (Direct Current Resistance). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Inductor (Power) | | **Construction** | Metal Composite / Molded | | **Inductance Range** | Typically low nH (nano-Henries) to low µH | | **Tolerance** | Usually ±10% or ±20% | | **Packaging** | Tape & Reel (indicated by the "-R") | | **Operating Temp** | -40°C to +125°C (standard range) | --- ### 2. Physical & Material Characteristics * **Molded Construction:** The part is made by pressing metal powder around a wire coil. This provides excellent magnetic shielding and reduces acoustic noise. * **Terminations:** Usually features SMD (Surface Mount Device) pads for automated PCB assembly. * **Saturation (Isat):** Designed to maintain inductance levels even under high peak currents, preventing the circuit from "clipping" or failing under load. --- ### 3. Common Applications Due to its robust thermal and electrical properties, the M7R72TAJ-R is used in: 1. **Server Motherboards:** High-current power phases for CPUs and GPUs. 2. **DC-DC Converters:** Point-of-Load (PoL) power supplies. 3. **Telecom Equipment:** Distributed power architectures. 4. **Industrial PCs:** Applications requiring high reliability in compact spaces. --- ### 4. Part Number Breakdown (Generic) | Prefix | Series Code | Size/Dimensions | Material/Revision | Packaging | | :--- | :--- | :--- | :--- | :--- | | **M** | Molded | **7R72** (Size Code) | **TAJ** (Internal Spec) | **-R** (Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (nH) for the M7R72TAJ-R?
    • ⤷ Can you provide the maximum Saturation Current (Isat) for this part?
    • ⤷ What are the physical dimensions (LxWxH) of the 7R72 footprint?