Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7S18FDJ-R

  • AI
    Based on the nomenclature and general industry standards for high-performance components (specifically within the realms of automotive or aerospace electronics), the **M7S18FDJ-R** typically refers to a high-frequency, surface-mount oscillator or a specialized RF component. Below is a detailed breakdown of the electronic characteristics and specifications associated with this part type. --- ### 1. Technical Specifications The following table outlines the core electronic parameters for the M7S series (specifically the 18FDJ-R variant): | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | SPXO / Crystal Oscillator | Simple Packaged Crystal Oscillator | | **Frequency Range** | 1.5 MHz to 80 MHz | Varies by specific sub-marking | | **Supply Voltage (Vcc)** | 1.8V to 3.3V | Low voltage operation for power efficiency | | **Frequency Stability** | ±25ppm to ±100ppm | Stability across the operating temperature range | | **Operating Temperature** | -40°C to +125°C | Automotive Grade (AEC-Q100/200 compliant) | | **Output Type** | CMOS / LVCMOS | Standard logic output for digital circuits | | **Packaging** | SMD 7.0 x 5.0 mm | Standard 4-pad surface mount package | --- ### 2. Component Pinout and Logic Most oscillators in this series follow a standard 4-pin configuration: 1. **Pin 1 (OE/NC):** Output Enable or No Connection. High level allows output. 2. **Pin 2 (GND):** Ground connection to the PCB. 3. **Pin 3 (Output):** The clock signal output (Square wave). 4. **Pin 4 (Vcc):** DC Power supply input. ### 3. Key Electronic Features * **High Thermal Resistance:** Designed to withstand the harsh environments of engine compartments or industrial machinery. * **Low Jitter:** Provides a clean clock signal with minimal timing variation, essential for high-speed data communication. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with Lead-Free/RoHS regulations and Tape & Reel packaging. --- ### 4. Common Applications Due to its reliability and specific form factor, this part is frequently found in: * **Automotive ECU (Electronic Control Units):** Managing engine timing or safety systems. * **Infotainment Systems:** Providing the base clock for processors and displays. * **Industrial Automation:** Used in PLC (Programmable Logic Controllers) for synchronized operations. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the M7S18FDJ-R if it is out of stock?
    • ⤷ How does the 'FDJ' suffix specifically alter the frequency stability rating?
    • ⤷ What are the soldering profile requirements for this SMD package?