Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7S23FDJ-R

  • AI
    The **M7S23FDJ-R** appears to be a specific industrial or commercial part number often associated with high-performance cooling components, specifically **AC Axial Fans** or motor assemblies manufactured by companies like **Nidec** or **Minebea (NMB)**. Below is a breakdown of the electronic and mechanical characteristics typical of this component series. --- ## 1. Core Specifications Based on standard nomenclature for this part series, the technical specifications are generally as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | AC Axial Fan / Cooling Fan | | **Input Voltage** | 100V - 120V AC | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Housing Material** | Aluminum Die-Cast | | **Impeller Material** | Polycarbonate (Fiberglass reinforced) | --- ## 2. Key Electronic Features The "electronic" side of this part involves the motor drive and protection circuitry integrated into the hub. ### A. Motor Technology * **Shaded Pole or Capacitor Run:** Most fans in this series utilize a shaded pole induction motor, which is brushless and highly reliable for continuous operation. * **Insulation Class:** Typically Class B or E, ensuring the internal wiring can withstand temperatures up to 120°C without breaking down. ### B. Protection Mechanisms * **Impedance Protection:** The windings are designed so that if the fan is physically blocked (locked rotor), the internal resistance prevents the coils from overheating and catching fire. * **Thermal Cutoff:** Some variants include a thermal fuse that breaks the circuit if the ambient temperature exceeds safe limits. ### C. Termination * **Lead Wires vs. Terminals:** The "R" suffix often denotes the specific termination style (e.g., standard lead wires) or a specific rotation/airflow direction. --- ## 3. Physical Dimensions & Airflow These parts are designed for high-static pressure environments (server racks, industrial control panels). | Metric | Value | | :--- | :--- | | **Frame Size** | Approximately 120mm x 120mm x 38mm | | **Airflow Capacity** | ~90 - 110 CFM (Cubic Feet per Minute) | | **Noise Level** | 35 - 45 dB(A) | | **Speed** | 2500 - 3100 RPM | --- ## 4. Common Applications * **Power Supplies:** Heat dissipation for large industrial PSUs. * **Server Enclosures:** Constant airflow for rack-mounted equipment. * **HVAC Panels:** Ventilation for automated control boxes. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for the M7S23FDJ-R?
    • ⤷ Is there a DC equivalent to this AC fan model?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this part?