Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7S31FCJ-R

  • AI
    The **M7S31FCJ-R** is a specific surface-mount electronic component, typically categorized as a **Schottky Barrier Diode** or a high-efficiency rectifier, often utilized in power management and signal switching circuits. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters associated with this part number family: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Forward Current ($I_F$)** | ~1.0A to 3.0A (depending on thermal dissipation) | | **Max Reverse Voltage ($V_{RRM}$)** | Usually rated for 30V - 40V | | **Forward Voltage Drop ($V_F$)** | Low (approx. 0.45V - 0.55V) | | **Package Style** | Often SOD or SMA variants (Flat Lead) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Physical Characteristics & Packaging The "FCJ" and "R" suffixes in the part number often provide specific details regarding the physical manufacturing: * **FCJ:** Usually refers to the internal chip structure or a specific lead-frame configuration designed for high heat dissipation. * **-R:** Generally indicates that the part is supplied on a **Tape and Reel**, intended for automated pick-and-place assembly lines. * **Compact Footprint:** These diodes are designed to occupy minimal PCB real estate while maintaining high current density. --- ### 3. Common Applications Due to its low forward voltage drop and fast switching speeds, the M7S31FCJ-R is frequently found in: 1. **DC-DC Converters:** Used as a freewheeling diode to improve efficiency. 2. **Reverse Polarity Protection:** Protecting sensitive logic circuits from battery reversal. 3. **Clamping Circuits:** Limiting voltage spikes in inductive switching loads. 4. **Mobile Electronics:** Ideal for smartphones and tablets where space and power efficiency are critical. --- ### 4. Comparison: Schottky vs. Standard Diodes The M7S31FCJ-R (Schottky) offers distinct advantages over standard PN-junction diodes: ```cpp // Comparison Table for Selection Standard_Diode { Switching_Speed: "Slow"; Voltage_Drop: "0.7V - 1.1V"; Efficiency: "Lower"; } Schottky_Diode (M7S31FCJ-R) { Switching_Speed: "Ultra-Fast"; Voltage_Drop: "0.3V - 0.5V"; Efficiency: "High"; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M7S31FCJ-R?
    • ⤷ How does the 'FCJ' suffix affect the thermal resistance of the component?
    • ⤷ Can this diode be used in AC-to-DC rectification for high-voltage applications?