Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7S34FAJ-R

  • AI
    Based on the part number provided, the **M7S34FAJ-R** is a high-performance **Crystal Oscillator** (specifically a SPXO - Simple Packaged Crystal Oscillator) manufactured by **MtronPTI**. These components are used to provide a precise frequency reference for digital circuits, telecommunications equipment, and industrial controllers. --- ### 1. Technical Specifications The "M7S" series represents a specific line of CMOS/TTL compatible oscillators. Below are the typical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Output Type** | HCMOS / TTL | | **Package Type** | 5.0 x 7.0 mm Surface Mount (SMD) | | **Supply Voltage** | Typically 3.3V or 5.0V (Variant dependent) | | **Frequency Stability** | Usually ±25ppm to ±100ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Pin Count** | 4-Pad | --- ### 2. Part Number Breakdown (Nomenclature) While full proprietary datasheets vary, the code generally breaks down as follows: * **M7S**: Series designation (Surface Mount, 5x7mm package). * **34**: Often refers to the voltage and stability combination (e.g., 3.3V operation). * **F**: Stability or Temperature code (Frequency tolerance). * **AJ**: Specific frequency or custom calibration code. * **-R**: Indicates compliance with **RoHS** (Lead-free) regulations. --- ### 3. Key Electronic Functions The M7S34FAJ-R performs three primary functions within an electronic assembly: 1. **Clock Generation:** It acts as the "heartbeat" for microprocessors, FPGAs, and ASICs. 2. **Signal Timing:** Ensures that data transfer between different integrated circuits (ICs) happens at the correct time intervals. 3. **Frequency Control:** Maintains a stable output frequency despite changes in temperature or power supply fluctuations. --- ### 4. Typical Applications * **Networking:** Routers, switches, and high-speed modems. * **Industrial:** Programmable Logic Controllers (PLCs) and automated sensor arrays. * **Storage:** Fiber Channel and Storage Area Networks (SAN). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency of the M7S34FAJ-R variant?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?
    • ⤷ How do I interpret the 'FAJ' portion of the MtronPTI numbering scheme?