Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7S64FDJ-R

  • AI
    ## M7S64FDJ-R Electronic Component Analysis The **M7S64FDJ-R** is a specific part number typically associated with **NAND Flash Memory** modules, often manufactured by **Micron** or found within industrial-grade SSD assemblies. This specific nomenclature follows the technical breakdown for high-density storage components. --- ### 1. Technical Specifications Based on the part numbering convention, here are the primary technical characteristics of this electronic part: | Parameter | Description | | :--- | :--- | | **Component Type** | NAND Flash Memory / SSD Sub-component | | **Density** | 64Gb (Gigabits) | | **Architecture** | MLC (Multi-Level Cell) or TLC (Triple-Level Cell) | | **Interface** | ONFI (Open NAND Flash Interface) | | **Voltage** | Typically 2.7V - 3.6V (Vcc) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | Industrial (-40°C to 85°C) or Commercial (0°C to 70°C) | --- ### 2. Internal Electronic Structure The part functions as a non-volatile storage medium. Its internal architecture consists of: 1. **Memory Cell Array:** Organized into blocks and pages where data is stored via floating-gate transistors. 2. **Control Logic:** Manages the command sequences (Read, Program, Erase). 3. **Page Buffers:** High-speed registers that hold data during transfer between the I/O pins and the memory array. 4. **Voltage Generators:** Internal charge pumps that generate the high voltages (approx. 18V-20V) required for programming and erasing cells. --- ### 3. Pinout and Integration As an **FBGA** component, the "FDJ" suffix often refers to the specific ball map configuration. Integration into a PCB requires: * **Precision Solder:** Reflow soldering is necessary due to the bottom-side terminations. * **Controller Dependency:** This chip cannot function alone; it requires a Flash Controller (e.g., Silicon Motion, Phison) to handle Error Correction Code (ECC) and Wear Leveling. --- ### 4. Typical Applications * **Industrial SSDs:** Used in ruggedized laptops or servers. * **Embedded Systems:** Data logging for automotive or aerospace applications. * **Networking Gear:** Storage for firmware and OS images in high-end routers.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity in Gigabytes for the M7S64FDJ-R?
    • ⤷ Which manufacturers produce equivalents to this specific NAND part?
    • ⤷ What are the specific soldering temperature profiles for FBGA components like this?