Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8CD-4556-R

  • AI
    The **M8CD-4556-R** is a high-performance, common-mode choke (inductor) typically manufactured by companies like **Coilcraft** or similar specialty magnetic component providers. These components are primarily used for EMI (Electromagnetic Interference) suppression in high-speed data lines. --- ### 1. General Specifications While specific data can vary by manufacturer, parts in the M8CD series generally follow these parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Common-Mode Choke / Filter | | **Common-Mode Impedance** | Typically 600Ω to 1000Ω (at 100MHz) | | **Current Rating** | Usually rated for 200mA to 500mA | | **DC Resistance (DCR)** | Low (typically < 0.5 Ω) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Compact (e.g., 0805 or 1206 footprint) | --- ### 2. Key Electronic Functions The M8CD-4556-R performs several critical roles within a circuit: * **EMI Suppression:** It filters out high-frequency noise (common-mode noise) that is present on both signal lines, preventing the device from emitting or receiving interference. * **Signal Integrity:** Because it allows differential signals (the actual data) to pass through with minimal attenuation while blocking common-mode noise, it maintains the "cleanliness" of the data. * **Isolation:** Provides a level of magnetic isolation between stages of a circuit. --- ### 3. Typical Applications This part is commonly found in communication interfaces where high-speed data transfer is required: 1. **USB 2.0 / 3.0 Lines:** Filtering noise on data pairs. 2. **HDMI / DisplayPort:** Maintaining high-definition signal quality. 3. **IEEE 1394 (Firewire):** Reducing electromagnetic radiation. 4. **CAN Bus / Automotive Electronics:** Ensuring reliable communication in electrically noisy environments. --- ### 4. Circuit Symbol and Operation In a schematic, this part is represented by two inductors wound on a single core. ```text Line 1 In ----( Coil A )---- Line 1 Out ) ( <-- Magnetic Coupling Line 2 In ----( Coil B )---- Line 2 Out ``` * **Differential Mode:** Current flows in opposite directions; magnetic fields cancel out; signal passes. * **Common Mode:** Noise flows in the same direction; magnetic fields add up; high impedance is created; noise is blocked.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the M8CD series?
    • ⤷ How does common-mode impedance differ from differential-mode impedance?
    • ⤷ What are the temperature ratings for this specific component?