Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8CD-6446-R

  • AI
    The **M8CD-6446-R** is a high-performance **common mode choke** manufactured by **Coilcraft**. It is primarily used for noise suppression in high-speed differential signal lines. --- ### 1. Key Technical Specifications The following table outlines the critical electrical and physical characteristics of the M8CD-6446-R: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Common Mode Impedance** | 600 Ohms @ 100 MHz (Typical) | | **DC Resistance (DCR)** | 0.40 Ohms (Maximum) | | **Rated Current (Irms)** | 400 mA | | **Rated Voltage** | 50 VDC | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 0805 (2.0 x 1.2 mm) | | **Termination** | Matte Tin over Nickel over Silver-Palladium-Glass | --- ### 2. Functional Purpose The M8CD-6446-R is designed to address **Electromagnetic Interference (EMI)**. It functions through two primary mechanisms: * **Common Mode Suppression:** It provides high impedance to "noise" signals that travel in the same direction on both lines, effectively filtering them out. * **Differential Mode Transparency:** It provides very low impedance to the actual data signals (which travel in opposite directions), allowing the high-speed data to pass through with minimal distortion. --- ### 3. Common Applications Due to its small footprint and high-frequency performance, it is commonly found in: 1. **USB 2.0 / 3.0 Interfaces:** Protecting data integrity against EMI. 2. **HDMI / DisplayPort:** Filtering high-definition video signals. 3. **LVDS (Low-Voltage Differential Signaling):** Used in laptop screens and automotive displays. 4. **IEEE 1394 (FireWire):** High-speed communication links. --- ### 4. Circuit Implementation In a typical circuit, the choke is placed between the driver/controller and the physical connector. ```cpp // Logic Representation of Placement [Controller] <---> [M8CD-6446-R Choke] <---> [External Port/Cable] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode impedance in this part?
    • ⤷ How does the 0805 package size affect its power handling capabilities?
    • ⤷ Can this part be used for automotive Grade 1 applications?