Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8CD-6556-R

  • AI
    Based on the part number **M8CD-6556-R**, this component is a high-performance **High-Current Power Inductor** typically manufactured by companies like **Coilcraft** or specialized magnetic component suppliers. These are commonly used in automotive and industrial power management. --- ### 1. Technical Specifications Overview The "M8CD" series generally refers to a specific package size and core material designed for high efficiency. | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.56 µH to 6.5 µH (Varies by specific dash number) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Very Low (mΩ range) | | **Saturation Current** | High (Typically 20A - 60A range) | | **Operating Temp** | -40°C to +125°C or +150°C | | **Shielding** | Magnetically Shielded (Molded Construction) | --- ### 2. Physical Characteristics The **"R"** suffix typically denotes that the part is **RoHS Compliant** (Lead-free) and often indicates tape-and-reel packaging for automated surface mount assembly (SMT). * **Construction:** Metal composite powder core. This design prevents hard saturation at high currents and provides excellent temperature stability. * **Form Factor:** Low profile, square or rectangular footprint designed for high-density PCB layouts. * **Shielding:** The molded structure reduces Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments. --- ### 3. Common Applications Due to its high current handling and low DCR, the M8CD-6556-R is used in: 1. **DC-DC Converters:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. 2. **Automotive Electronics:** Infotainment systems, ADAS modules, and LED lighting drivers. 3. **Industrial Power Supplies:** High-efficiency buck/boost converters. 4. **Battery Powered Devices:** Where low energy loss (low DCR) is critical for battery life. --- ### 4. Key Advantages * **Soft Saturation:** Unlike ferrite cores that lose inductance sharply, this part maintains inductance better under heavy load. * **Low Acoustic Noise:** The molded construction minimizes "coil whine" caused by magnetostriction. * **High Thermal Stability:** Maintains performance even in high-ambient-temperature environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 6556-R variant?
    • ⤷ Can you provide a comparison between metal composite and ferrite core inductors?
    • ⤷ What are the recommended soldering profiles for this SMT component?