Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R11FAJ-R

  • AI
    The **M8R11FAJ-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is used in electronic circuits to provide a precise frequency reference for microprocessors, communication modules, and timing circuits. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator | Active frequency source | | **Output Type** | CMOS / TTL | Square wave output | | **Supply Voltage (Vcc)** | 3.3V or 5.0V | Dependent on specific sub-variant | | **Frequency Range** | 1.0 MHz to 125 MHz | Standard operational range | | **Package Size** | 5.0 x 7.0 mm | standard 4-pad SMD footprint | | **Operating Temp** | -40°C to +85°C | Industrial grade | | **RoHS Status** | Compliant | Lead-free construction | --- ### 2. Physical Pin Configuration Standard 5x7mm oscillators like the M8R series generally follow a 4-pin layout: 1. **Pin 1: Tri-state (Enable/Disable)** * High or Floating: Oscillator functions normally. * Low: Output goes to high impedance (saves power). 2. **Pin 2: Ground (GND)** * Connected to the common circuit ground. 3. **Pin 3: Output** * The clock signal (square wave) sent to the CPU/MCU. 4. **Pin 4: Vcc (Supply Voltage)** * Power input for the internal driving circuit. --- ### 3. Application Areas The M8R11FAJ-R is designed for high-reliability environments where timing precision is critical: * **Networking Hardware:** Switches, routers, and high-speed modems. * **Industrial Control:** PLCs (Programmable Logic Controllers) and automation sensors. * **Computing:** Server motherboards and peripheral interface cards. * **Embedded Systems:** Providing a clock source for ARM or RISC-V microcontrollers. --- ### 4. Implementation Guidelines When designing a PCB for this part, consider the following: * **Decoupling:** Place a **0.01µF to 0.1µF ceramic capacitor** as close as possible to Pin 4 (Vcc) and Pin 2 (GND) to filter power supply noise. * **Trace Length:** Keep the clock output trace (Pin 3) as short as possible to prevent EMI (Electromagnetic Interference) and signal degradation. * **Ground Plane:** Use a solid ground plane beneath the oscillator to provide shielding and a stable reference.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M8R11FAJ-R variant?
    • ⤷ Can this oscillator be used in automotive applications?
    • ⤷ What are the alternatives if this part is out of stock?