Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R22FAJ-R

  • AI
    The **M8R22FAJ-R** is an electronic component manufactured by **ALPS Alpine**. It belongs to the category of **Tactile Switches** (specifically from the SKRP Series), which are used to provide a physical "click" sensation and complete a circuit when pressed. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Tactile Switch (Surface Mount - SMT) | | **Series** | SKRP Series | | **Dimensions** | 4.2 × 3.2mm | | **Operating Force** | 2.5 N (approx. 250gf) | | **Travel** | 0.25 mm | | **Operating Life** | 100,000 cycles | | **Terminal Type** | J-bent leads | | **Height** | 2.5 mm | --- ### Key Internal Parts and Construction The reliability of the M8R22FAJ-R is due to its internal construction, which consists of several high-precision layers: 1. **Actuator (Stem):** The top part that the user pushes. It is typically made of heat-resistant resin to withstand soldering temperatures. 2. **Contact Dome (Snap Plate):** The "heart" of the switch. It is a thin, curved metal disc (usually stainless steel or phosphor bronze). When pressed, it collapses to create the tactile "click" and bridges the contacts. 3. **Cover:** A metal frame that holds the internal components together and provides structural integrity. 4. **Base:** The plastic housing (molded resin) that holds the fixed terminals in place. 5. **Terminals:** Silver-plated leads that are soldered onto the PCB. The "J-bent" design helps save space on the board. --- ### Application Usage This specific part is widely used in consumer electronics where space is limited but high durability is required: * **Wearables:** Smartwatches and fitness trackers. * **Portable Audio:** Volume or power buttons on headphones and MP3 players. * **Mobile Devices:** Power or reset buttons for smartphones and tablets. * **Cameras:** Shutter or menu navigation buttons. --- ### Schematic Representation In a circuit diagram, the switch is represented as a "Normally Open" (NO) momentary switch: ```text [ Terminal 1 ] ----\ ---- [ Terminal 2 ] \ (Press to close) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between J-bent and G-wing terminals in tactile switches?
    • ⤷ How does the silver plating on the terminals affect soldering?
    • ⤷ Can this switch be used in automotive applications?