Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R51FCJ-R

  • AI
    The **M8R51FCJ-R** belongs to a family of 8-bit Microcontrollers (MCUs) based on the high-performance **8051 core** architecture. These chips are commonly utilized in consumer electronics, industrial control, and small-scale automation due to their balance of power efficiency and integrated peripherals. --- ## 1. Core Architecture The device is built on an enhanced 1T (single clock cycle per instruction) 8051 core, making it significantly faster than the original Intel 8051 at the same clock frequency. | Feature | Specification | | :--- | :--- | | **Core** | Enhanced 8051 (1T Architecture) | | **Operating Voltage** | Typically 2.4V to 5.5V | | **Max Frequency** | Up to 24MHz - 32MHz (depending on internal OSC) | | **Memory (Flash)** | Usually 8KB to 16KB Program Memory | | **SRAM** | 256 bytes (Internal) + Expanded XRAM | --- ## 2. Integrated Peripheral Modules The "FCJ" suffix often denotes specific configurations of I/O and communication modules. Key electronic components integrated into this chip include: ### A. Analog-to-Digital Converter (ADC) * High-resolution (typically 10-bit or 12-bit) multi-channel ADC. * Used for reading sensors (temperature, light, voltage levels). ### B. Timers and PWM * Multiple 16-bit timers for precise timing. * **PWM (Pulse Width Modulation)** channels used for motor control, LED dimming, or buzzer driving. ### C. Communication Interfaces * **UART:** For serial communication with PCs or other modules (RS232/RS485). * **I2C / SPI:** To interface with external EEPROMs, OLED displays, or digital sensors. ### D. System Protection * **Watchdog Timer (WDT):** Resets the system if the software hangs. * **LVR (Low Voltage Reset):** Ensures the chip shuts down safely if the power supply drops. --- ## 3. Pin Configuration Categories The physical pins of the M8R51FCJ-R are generally categorized as follows: 1. **Power Pins:** VCC (Positive) and VSS (Ground). 2. **Reset (RST):** External reset input or internal power-on reset. 3. **General Purpose I/O (GPIO):** Configurable as Input, Output, Open-drain, or Pull-up. 4. **Oscillator Pins:** Support for external crystal or high-precision internal RC oscillator. --- ## 4. Typical Application Circuit When designing with this part, the circuit usually requires minimal external components: ```c // Example pseudo-code to initialize a GPIO for the M8R51 series void main() { P1_MODER = 0x01; // Set Port 1 Pin 0 to Output mode while(1) { P1_0 = 1; // Turn on connected LED Delay(500); P1_0 = 0; // Turn off LED Delay(500); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific package types available for the M8R51FCJ-R?
    • ⤷ How does the 1T 8051 core compare to the traditional 12T 8051 in terms of power consumption?
    • ⤷ Is there a dedicated IDE or compiler recommended for this specific MCU?