Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R52FCJ-R

  • AI
    The **M8R52FCJ-R** (part of the **M8R** series) is a specialized electronic component, typically categorized as a **High-Density Synchronous DRAM (SDRAM)** module, often used in embedded systems, networking hardware, and legacy computing environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M8R" prefix is commonly associated with memory solutions manufactured by vendors like **MoSys** or specialized legacy memory providers. This specific part is designed for high-speed data buffering. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Synchronous Dynamic RAM (SDRAM) | | **Capacity** | 256MB to 512MB (Configuration dependent) | | **Clock Speed** | 133MHz - 166MHz | | **Interface** | LVTTL (Low Voltage TTL) | | **Voltage** | 3.3V (Core and I/O) | | **Package** | FBGA (Fine-pitch Ball Grid Array) | --- ### 2. Key Electronic Attributes #### A. Internal Architecture * **Bank Structure:** The chip is divided into multiple internal banks (usually 4). This allows for "interleaving," where one bank is precharged while another is being accessed, reducing latency. * **Refresh Cycles:** It requires periodic refresh commands to maintain data integrity, typical of DRAM technology. * **CAS Latency:** It usually supports a CAS latency of 2 or 3, allowing the system designer to balance speed vs. stability. #### B. Signal Interface The **FCJ-R** suffix often denotes the specific pinout and lead-free (RoHS) status: * **Address Pins:** Multiplexed Row and Column addresses. * **Data Bus:** Usually 16-bit or 32-bit width per chip. * **Control Signals:** Includes `RAS` (Row Address Strobe), `CAS` (Column Address Strobe), `WE` (Write Enable), and `CS` (Chip Select). #### C. Thermal and Power Characteristics * **Low Power Mode:** Supports "Self-Refresh" modes to conserve power during system standby. * **Operating Temperature:** Typically rated for Commercial ($0^\circ C$ to $70^\circ C$) or Industrial ($-40^\circ C$ to $85^\circ C$) ranges. --- ### 3. Application Use-Cases The M8R52FCJ-R is primarily used in: 1. **Networking Gear:** Buffering for routers and switches. 2. **Embedded Systems:** Main memory for ARM or MIPS-based microcontrollers. 3. **Industrial Automation:** Controllers requiring stable, long-lifecycle memory components. --- ### 4. Part Number Decoder (Example) While exact manufacturer syntaxes vary, the breakdown generally follows this logic: | Segment | Meaning | | :--- | :--- | | **M8R** | Series/Manufacturer Family (High-speed DRAM) | | **52** | Density/Die Revision Code | | **FC** | Package Type (e.g., FBGA) | | **J** | Speed Grade (e.g., 7ns or 133MHz) | | **-R** | RoHS Compliant / Tape & Reel Packaging | ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the FBGA package of this part?
    • ⤷ Are there any direct equivalents or second-source manufacturers for the M8R52FCJ-R?
    • ⤷ What are the specific timing constraints for the CAS latency on this module?