Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R64TCJ-R

  • AI
    The **M8R64TCJ-R** is an electronic component, specifically a **high-speed Synchronous Dynamic Random Access Memory (SDRAM)** chip. This part belongs to the legacy family of memory components, typically used in industrial, networking, and legacy computing systems. --- ### 1. General Specifications The part number indicates specific characteristics regarding its architecture, speed, and packaging. Below is a breakdown of its technical profile: | Feature | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous DRAM) | | **Capacity** | 64 Megabits (8MB) | | **Organization** | Likely 4 Banks x 1M x 16-bit or similar | | **Interface** | LVTTL Compatible | | **Package Type** | TSOP II (Thin Small Outline Package) | | **Lead Finish** | RoHS Compliant (indicated by -R) | --- ### 2. Pinout and Physical Interface As a TSOP II package device, it typically features 54 or 66 pins. The electronic operation relies on the following signal groups: * **Clock (CLK & CKE):** Synchronizes all operations to the rising edge of the system clock. * **Control signals:** * **CS (Chip Select):** Enables or disables the device. * **RAS/CAS/WE:** Command pins that determine the operation (Active, Read, Write, Precharge). * **Address Inputs (A0-A11):** Used to select specific rows and columns within the memory banks. * **Data I/O (DQ0-DQ15):** The 16-bit wide bidirectional data bus. --- ### 3. Key Operational Features * **Synchronous Operation:** Unlike older Asynchronous DRAM, the M8R64TCJ-R uses a clock signal to coordinate data transfers, allowing for much higher bus speeds. * **Internal Pipelining:** It uses a "Burst Mode" feature that allows multiple data words to be accessed sequentially after a single address is provided. * **Auto-Refresh:** It requires periodic refresh cycles to maintain data integrity, a standard requirement for all DRAM-based components. * **Voltage:** Typically operates at **3.3V**, which was the standard for that generation of SDRAM. --- ### 4. Common Applications Due to its 64Mb density, this part is frequently found in: 1. **Network Hardware:** Routers, switches, and modems for buffer storage. 2. **Embedded Systems:** Industrial controllers and PLCs. 3. **Consumer Electronics:** Older digital cameras, printers, and DVD players. 4. **Legacy PC Upgrades:** Older SODIMM or DIMM memory modules.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M8R64TCJ-R?
    • ⤷ What is the maximum clock frequency (MHz) supported by this chip?
    • ⤷ How do I interpret the 'TCJ' portion of the manufacturer part number?