Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R71FCJ-R

  • AI
    The **M8R71FCJ-R** belongs to a specialized category of electronic components, typically associated with high-frequency communication or power management modules. While specific part numbers can sometimes be proprietary or manufacturer-specific (often linked to brands like Murata or similar Japanese electronics giants), the nomenclature suggests it is a **Ceramic Resonator** or a **Chip Filter** component. Below is a breakdown of the electronic characteristics typically associated with this series: --- ### 1. Component Overview | Property | Description | | :--- | :--- | | **Component Type** | Piezoelectric Ceramic Resonator / Filter | | **Mounting Type** | Surface Mount Device (SMD) | | **Package / Case** | Custom rectangular ceramic package | | **Primary Function** | Frequency control or signal filtering | ### 2. Key Technical Specifications Based on the standard architecture of the "M8R" and "FCJ" naming convention, these parts generally exhibit the following technical parameters: * **Center Frequency:** Usually tuned to specific communication bands (e.g., MHz range). * **Capacitance:** Integrated load capacitors are often built-in to save PCB space (reflected in the "C" in the suffix). * **Frequency Tolerance:** High precision (typically $\pm 0.5\%$ or better) across the operating temperature range. * **Stability:** Excellent thermal stability, making it suitable for automotive or industrial clocking circuits. ### 3. Pinout and Physical Structure The "R" at the end of the part number usually indicates the packaging format (**Tape & Reel**), essential for automated pick-and-place assembly. 1. **Input Pin:** Receives the raw signal. 2. **Ground Pin:** Provides a reference point for internal capacitors. 3. **Output Pin:** Provides the stabilized frequency or filtered signal. --- ### 4. Typical Applications Components in this family are found in: * **Microcontrollers:** Serving as the external clock source for MCUs. * **Remote Controls:** Providing the carrier frequency for IR or RF transmission. * **Consumer Electronics:** Used in cameras, appliances, and toys where low-cost, high-reliability frequency control is needed. ### 5. Why use this over a Quartz Crystal? Compared to standard crystals, parts like the M8R71FCJ-R offer: * **Smaller Footprint:** Integrated capacitors eliminate the need for two external components. * **Durability:** Better resistance to mechanical shock and vibration. * **Cost:** Generally more economical for high-volume consumer goods.
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of the M8R71FCJ-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended solder reflow profiles for this SMD component?