Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8R71TCJ-R

  • AI
    The **M8R71TCJ-R** is a specialized electronic component, typically classified as a high-performance **Electromagnetic Interference (EMI) Suppression Filter** or a specific **Common Mode Choke** used in automotive or industrial communication interfaces. --- ### 1. Component Specifications Below is a breakdown of the typical technical parameters associated with this part number: | Parameter | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Circuit Type** | 2-Line (Differential Pair) | | **Application** | CAN-Bus, FlexRay, or High-Speed Signal Lines | | **Impedance** | High impedance at noise frequencies (MHz range) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Internal Functions The M8R71TCJ-R operates based on magnetic induction to clean signals. Its internal structure consists of two coils wound around a single ferrite core. 1. **Differential Mode Support:** It allows the "wanted" data signal (which flows in opposite directions on the two lines) to pass through with minimal attenuation. 2. **Common Mode Rejection:** It acts as a high-impedance barrier for noise (which flows in the same direction on both lines), effectively pushing the noise to ground or reflecting it. 3. **Magnetic Saturation Resistance:** Designed to maintain performance even when high DC currents are present on the line. --- ### 3. Application Use Cases This part is commonly found in environments where electromagnetic "noise" is high. * **Automotive ECU:** Protecting Engine Control Units from interference caused by spark plugs or motors. * **CAN-Bus Filtering:** Ensuring clean data transmission between sensors and the vehicle's central computer. * **Industrial Automation:** Used in RS-485 or Ethernet lines in factories to prevent data corruption from heavy machinery. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as two coupled inductors: ```text Line 1 In o----( Coil 1 )----o Line 1 Out ) ( ) ( <-- Ferrite Core Line 2 In o----( Coil 2 )----o Line 2 Out ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M8R71TCJ-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this component be used in high-speed USB 3.0 data lines?