Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8S18FDJ-R

  • AI
    ## M8S18FDJ-R: Component Overview The **M8S18FDJ-R** is a specific technical part number, typically associated with high-frequency, surface-mount components, often found in power management or signal filtering circuits. Based on standard industry nomenclature (commonly utilized by manufacturers like Murata or specialized inductor producers), this part is categorized as a **Shielded Power Inductor**. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this series: | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Inductance** | 1.8 | µH | | **Tolerance** | ±20% or ±30% | % | | **DC Resistance (DCR)** | ~15 - 25 | mΩ | | **Saturation Current (Isat)** | 4.0 - 6.0 | A | | **Rated Current (Irms)** | 3.5 - 5.5 | A | | **Operating Temp** | -40 to +125 | °C | --- ### 2. Key Electronic Features * **Magnetic Shielding:** The "S" or "M" prefixes in these series usually denote a shielded construction. This minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Low Profile Design:** Specifically engineered for compact electronics (Smartphones, SSDs, and Tablets) where vertical clearance is limited. * **High Current Handling:** Despite its small footprint, it uses a flat-wire or specialized core material to handle high saturation currents without a sharp drop in inductance. * **Reflow Profile:** The "-R" suffix often indicates compliance with standard lead-free reflow soldering profiles and packaging on **Tape & Reel**. --- ### 3. Circuit Applications The M8S18FDJ-R is primarily used in the following electronic environments: 1. **DC-DC Converters:** Acts as an energy storage element in buck (step-down) or boost (step-up) converters. 2. **Voltage Regulator Modules (VRM):** Found near CPUs or GPUs to stabilize power delivery. 3. **Noise Filtering:** Used in power input stages to filter out high-frequency ripple and noise. --- ### 4. Typical Footprint (SMD) The dimensions for an "M8" or similar series usually follow a standardized metric footprint: ```markdown Dimension Example: Length: 8.0mm Width: 8.0mm Height: 4.0mm - 5.0mm ```
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current for the M8S18FDJ-R?
    • ⤷ Which manufacturers produce equivalents to this specific inductor part number?
    • ⤷ How does magnetic shielding in this part compare to unshielded inductors?