Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8S32FDJ-R

  • AI
    The **M8S32FDJ-R** belongs to the **M8S** series of microcontrollers, typically developed by manufacturers like *MindMotion* (based on the ARM Cortex-M0 architecture). These chips are designed for cost-effective, high-performance embedded applications. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Core Architecture The device is built on a 32-bit RISC architecture, providing significantly higher processing power than traditional 8-bit microcontrollers. | Feature | Specification | | :--- | :--- | | **CPU Core** | ARM® Cortex®-M0 | | **Max Frequency** | Up to 48 MHz - 72 MHz (depending on specific binning) | | **Instruction Set** | Thumb-2 | | **Operating Voltage** | 2.0V to 5.5V | --- ### 2. Memory Configuration The "32" in the part number typically denotes the Flash memory capacity. * **Flash Memory:** 32 KB (For program code storage). * **SRAM:** 4 KB (For runtime data and stack). * **Boot Loader:** Integrated system memory for ISP (In-System Programming). --- ### 3. Integrated Peripherals The M8S32FDJ-R is equipped with a variety of analog and digital blocks to interface with external hardware: #### **A. Communication Interfaces** * **UART/LIN:** High-speed asynchronous serial communication. * **SPI:** For interfacing with sensors, OLEDs, or external Flash. * **I2C:** For peripheral ICs like RTCs or EEPROMs. #### **B. Analog Modules** * **ADC:** 12-bit High-precision Analog-to-Digital Converter (multiple channels). * **Comparators:** Integrated analog comparators for over-current protection or signal threshold detection. #### **C. Timers & PWM** * **Advanced Control Timers:** Supporting 6-channel PWM output with dead-time insertion (ideal for motor control). * **General Purpose Timers:** For periodic interrupts and pulse counting. * **Watchdog Timers (IWDG/WWDG):** To ensure system stability. --- ### 4. Package and Pinout The **"DJ-R"** suffix usually refers to the physical package and shipping method. * **Package Type:** Typically **TSSOP20** or **QFN20** (Small form factor for space-constrained designs). * **GPIOs:** Up to 16-18 programmable I/O pins depending on the package. * **Operating Temperature:** -40°C to +85°C (Industrial Grade). --- ### 5. Common Applications Due to its 32-bit core and specific PWM capabilities, this part is frequently found in: 1. **Small Home Appliances:** Blenders, fans, and vacuum cleaners. 2. **Motor Control:** Brushless DC (BLDC) motor drivers. 3. **LED Lighting:** Intelligent dimming and color control. 4. **Consumer Electronics:** Toys, power tools, and chargers. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the TSSOP20 version of this chip?
    • ⤷ How does the Cortex-M0 performance compare to an 8051 microcontroller?
    • ⤷ Does this microcontroller support hardware-level motor control libraries?