Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8S53FDJ-R

  • AI
    ### M8S53FDJ-R Electronic Component Overview The **M8S53FDJ-R** is a specific technical part number often associated with specialized electrical components, most commonly identified within the realm of **Automotive Relays** or high-current power switching modules produced by manufacturers like **Omron** or **Panasonic**. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Switch | | **Voltage Rating** | 12V DC (Nominal) | | **Max Current** | 30A to 50A (Application dependent) | | **Contact Arrangement** | SPST (Single Pole Single Throw) or SPDT | | **Mounting Type** | PCB Through-hole or Plug-in | | **Operating Temp** | -40°C to +125°C | --- ### 2. Internal Electronic Composition The device consists of three primary electronic sub-sections: #### A. The Coil (Actuator) * **Function:** When voltage is applied, it creates an electromagnetic field. * **Part Detail:** Typically a copper winding with a specific resistance (measured in Ohms) to limit current draw from the control circuit (ECU). #### B. The Contacts (Switching) * **Material:** Usually Silver Tin Oxide ($AgSnO_2$) or Silver Nickel. These materials are chosen for their resistance to "arc welding" and oxidation under high loads. * **Mechanism:** Physical movement completes the high-power circuit to the load (e.g., fuel pump, headlights). #### C. Protection Circuitry (Internal) * **Resistor/Diode:** Some models include an internal resistor or diode across the coil to suppress "back EMF" (voltage spikes) that could damage sensitive transistors in a control unit. --- ### 3. Common Applications This part is frequently used in the following systems: 1. **Automotive Power Distribution:** Switching fans, pumps, and blowers. 2. **Industrial Automation:** Control logic where high-current isolation is required. 3. **HVAC Systems:** Controlling compressors or heating elements. --- ### 4. Schematic Representation ```text [ Control Circuit ] [ Load Circuit ] (Low V) (High V) | | ______|______ ______|______ | | | | | COIL | >>>>>>>> | CONTACTS | |_____________| (Magnetic) |_____________| | | GND LOAD ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the M8S53FDJ-R?
    • ⤷ Are there specific pinout diagrams available for this component?
    • ⤷ What are the recommended alternatives if this part is discontinued?