Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8S62FDJ-R

  • AI
    The **M8S62FDJ-R** is an integrated circuit, specifically categorized as an **SRAM (Static Random Access Memory)** chip. It is commonly produced by manufacturers like **ISSI (Integrated Silicon Solution Inc.)** or **GSI Technology**, often used in high-performance networking, industrial controls, and telecommunications. ### 1. General Specifications Below are the typical technical characteristics for this series of memory components: | Feature | Specification (Typical) | | :--- | :--- | | **Memory Type** | SRAM (Static RAM) | | **Organization** | 2M x 18 or 1M x 36 (Common variants) | | **Voltage Supply** | 1.8V to 3.3V (Depending on specific suffix) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Speed/Access Time** | Variable (Typically 2.5ns to 7.5ns) | | **Interface** | Sync/Async depending on the sub-series | --- ### 2. Key Internal Components & Functions To understand the electronic "parts" or architecture inside this IC, we can break it down into these functional blocks: 1. **Memory Cell Array:** * Unlike DRAM, which uses capacitors, this chip uses a **6-transistor (6T) cell** structure. This allows it to hold data without needing a refresh cycle as long as power is maintained. 2. **Address Decoders:** * Circuits that translate the binary address input into specific row and column selections within the memory matrix. 3. **Sense Amplifiers:** * High-speed analog components that detect the small voltage changes on the bit lines and amplify them to logic levels during a "Read" operation. 4. **I/O Buffers:** * Input/Output buffers manage the data flow between the internal memory and the external system bus, ensuring signal integrity and timing compliance. 5. **Control Logic:** * Manages the **Write Enable (WE)**, **Output Enable (OE)**, and **Chip Select (CS)** signals to prevent data bus contention. --- ### 3. Usage Context Because it is an SRAM, the M8S62FDJ-R is preferred over DRAM in specific scenarios: * **Cache Memory:** Due to its high speed. * **Buffer Memory:** For high-speed data packets in routers and switches. * **Low Power Applications:** It consumes very little power when in "standby" or "sleep" mode compared to dynamic memory. --- ### 4. Implementation Example When designing a PCB with this part, the pinout usually follows a standard BGA grid. A simplified connection logic in a system would look like this: ```c /* Pseudocode logic for interfacing with SRAM */ void write_to_sram(uint32_t address, uint18_t data) { SET_ADDRESS_BUS(address); SET_DATA_BUS(data); PULL_LOW(CHIP_SELECT); PULL_LOW(WRITE_ENABLE); // Data is latched on the rising edge PULL_HIGH(WRITE_ENABLE); PULL_HIGH(CHIP_SELECT); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact memory density of the M8S62FDJ-R variant?
    • ⤷ Which package footprint does this specific part number use?
    • ⤷ What are the recommended operating temperature ranges for this IC?