Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8SED-511-R

  • AI
    The **M8SED-511-R** is a specific electronic component within the sensor and connector family, typically associated with industrial M8 series sensor cables or distribution blocks. Specifically, it often refers to an **M8 5-Pin Female Straight Connector** used for signal transmission in automation systems. --- ### Technical Specifications Below are the primary electronic and physical characteristics typically found in this component: | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Female, Straight | | **Number of Pins** | 5 | | **Rated Voltage** | 30V AC / 36V DC | | **Current Rating** | 3A per contact | | **Contact Resistance** | ≤ 5 mΩ | | **Insulation Resistance** | ≥ 100 MΩ | | **IP Rating** | IP67 (Dust tight, waterproof) | --- ### Internal Construction The internal electronic parts consist of three main layers: 1. **Contacts (Pins):** Made of Copper Alloy (Brass/Bronze) with Gold plating. Gold is used to prevent oxidation and ensure stable electrical conductivity in low-voltage signaling. 2. **Insulator:** Usually a plastic polymer like TPU or PBT with high dielectric strength to prevent short-circuiting between the five pins. 3. **Shielding (Optional):** Many "R" suffix models (like the M8SED-511-R) include shielding to protect low-level signals from Electromagnetic Interference (EMI). --- ### Pinout Mapping (Standard M8 5-Pin) In most industrial applications, the wiring for a 5-pin M8 electronic part follows this standard: | Pin Number | Typical Function | Wire Color (Standard) | | :--- | :--- | :--- | | 1 | Positive Supply (+) | Brown | | 2 | Input/Output 2 | White | | 3 | Negative Supply (-) | Blue | | 4 | Input/Output 1 | Black | | 5 | Functional Earth/Shield | Gray | --- ### Application Scenarios * **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. * **Actuators:** Driving small solenoid valves or indicators. * **Fieldbus Systems:** Used in IO-Link or small-scale distributed I/O modules where space is limited.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M8SED-511-R?
    • ⤷ How does the IP67 rating protect the internal electronic contacts?
    • ⤷ Is this connector compatible with IO-Link communication?