Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8TS-155-R

  • AI
    The **M8TS-155-R** is a specialized electronic component, primarily recognized as a **Surface Mount (SMT) Common Mode Choke** or a **Transformers/Filter module** often utilized in high-speed data communication and power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M8TS-155-R belongs to a category of magnetic components designed to suppress high-frequency noise (Electromagnetic Interference - EMI) while allowing the desired signal to pass. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Usually characterized by impedance at specific frequencies | | **Operating Temperature** | -40°C to +125°C (Industrial Grade) | | **RoHS Status** | Compliant (R suffix often denotes RoHS) | --- ### 2. Key Electronic Functions This part performs three primary roles within a circuit: * **EMI Suppression:** It filters out "Common Mode" noise—interference that travels in the same direction on both signal lines—which is common in switching power supplies. * **Signal Integrity:** By reducing noise without significantly attenuating the differential signal, it ensures high-speed data (like USB or Ethernet) remains clean. * **Magnetic Isolation:** It provides a degree of inductive coupling that can protect sensitive downstream ICs from transient voltage spikes. --- ### 3. Physical & Material Composition Understanding the "build" of the M8TS-155-R helps in identifying its durability: 1. **Core Material:** Ferrite (NiZn or MnZn). Ferrite is chosen for its high permeability and efficiency at high frequencies. 2. **Windings:** Copper wire with high-temperature insulation (enamel). 3. **Termination:** Tin-plated (Sn) leads or pads for reliable soldering. 4. **Encapsulation:** Often housed in a heat-resistant plastic header or molded epoxy to withstand reflow soldering temperatures. --- ### 4. Typical Applications Where you will likely find the M8TS-155-R: * **DC/DC Converters:** Filtering noise generated by high-frequency switching FETs. * **CAN-Bus / Automotive Electronics:** Protecting communication lines from engine noise. * **USB 3.0 / HDMI Interfaces:** Ensuring high-speed data lines meet EMC compliance standards. --- ### 5. Schematic Representation In an electronic schematic, the M8TS-155-R is represented as two coupled inductors: ```text Line In 1 o---( Inductor 1 )---o Line Out 1 ( ( ( ( ( ( <-- Magnetic Coupling Line In 2 o---( Inductor 2 )---o Line Out 2 ```
    ✨ Follow-up Questions
    • ⤷ What is the rated current for the M8TS-155-R?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?
    • ⤷ What are the physical dimensions of the M8TS series package?