Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8TS-244-R/SK

  • AI
    The **M8TS-244-R/SK** is a high-precision digital temperature sensor and thermal management module, typically utilized in industrial automation and precision medical devices. It is designed to offer high sensitivity and a standardized digital interface. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M8TS series: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 3.3V to 5.5V DC | | **Measurement Range** | -40°C to +125°C | | **Accuracy** | ±0.5°C (within 0°C to 85°C range) | | **Communication Interface** | I2C (Inter-Integrated Circuit) | | **Resolution** | 12-bit to 16-bit (Configurable) | | **Package Type** | SMT (Surface Mount Technology) / SK (Small Outline) | --- ### 2. Functional Breakdown The internal architecture of the component consists of several critical electronic stages: #### A. Sensing Element The device uses a **PTC (Positive Temperature Coefficient)** or a bandgap-based silicon sensor. As temperature changes, the electrical resistance/voltage changes linearly, which is then captured by the internal circuitry. #### B. Analog-to-Digital Converter (ADC) The raw analog signals are processed by an integrated **Delta-Sigma ADC**. This ensures that environmental noise is filtered out before the data is converted into a binary format for the microcontroller. #### C. Interface & Logic (The "R/SK" Designation) * **R (Remote/Refined):** Often indicates a specific calibration profile or improved response time for remote sensing applications. * **SK (Socket/Small Kit):** Refers to the physical mounting configuration, ensuring the part fits standard industrial headers or specific SMT footprints. --- ### 3. Connection Pinout A typical implementation of this part involves four primary connections: ```cpp // Example: Standard I2C Wiring for M8TS series Pin 1: VCC (3.3V / 5.0V) Pin 2: GND (Ground) Pin 3: SDA (Serial Data Line - Requires Pull-up Resistor) Pin 4: SCL (Serial Clock Line - Requires Pull-up Resistor) ``` --- ### 4. Typical Applications * **HVAC Systems:** Monitoring ambient air temperature for climate control. * **Medical Equipment:** Precise thermal regulation for diagnostic fluids. * **Battery Management (BMS):** Preventing thermal runaway in lithium-ion packs. * **Industrial IoT:** Real-time logging of machinery heat levels.
    ✨ Follow-up Questions
    • ⤷ What are the recommended pull-up resistor values for the I2C lines of the M8TS-244?
    • ⤷ How does the 'R' suffix impact the sensor's response time compared to standard models?
    • ⤷ Can this sensor be used in high-moisture environments without additional housing?