Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8TS-266-R

  • AI
    The **M8TS-266-R** is a specific electronic component, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specialized timing module often used in telecommunications and synchronization hardware. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The M8TS series is designed for stability in environments where temperature fluctuations could affect frequency accuracy. | Feature | Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Nominal Frequency** | 26.6 MHz (Commonly indicated by the "266" code) | | **Stability** | High precision (often within ±0.5ppm to ±2.5ppm) | | **Supply Voltage** | Typically 1.8V to 3.3V DC | | **Output Type** | Clipped Sine Wave or CMOS | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 2. Functional Sections The internal architecture of the M8TS-266-R consists of four primary electronic sections: * **Quartz Crystal Resonator:** The heart of the part, providing the base mechanical vibration at 26.6 MHz. * **Compensation Network:** A temperature sensor combined with a varactor diode that adjusts the load capacitance to counteract frequency "drift" caused by heat. * **Oscillator Circuit:** The active transistor-based circuit that sustains the oscillation. * **Output Buffer:** Ensures the signal is strong enough to drive the next stage of the PCB without reflecting noise back into the crystal. --- ### 3. Application Areas Because of the "R" suffix (often denoting RoHS compliance and Reel packaging), this part is found in mass-produced precision electronics: 1. **GNSS/GPS Modules:** Used as a reference clock to help satellite receivers lock onto signals quickly. 2. **Wireless Communication:** Provides the carrier frequency stability needed for LTE, 5G, or Wi-Fi 6 modules. 3. **IoT Devices:** Used in low-power wide-area networks (LPWAN) where timing accuracy is critical for battery-saving sleep cycles. --- ### 4. Handling and Soldering As a precision timing component, the M8TS-266-R has specific physical requirements: * **Moisture Sensitivity:** Usually rated at MSL 1 or 3; requires dry storage. * **Footprint:** Typically follows a standard miniature SMD footprint (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm). * **Orientation:** Pin 1 is usually marked with a dot or a chamfered corner to ensure correct polarity during automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency stability rating for the M8TS-266-R in parts per million (ppm)?
    • ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
    • ⤷ Is the M8TS-266-R compatible with 1.8V logic systems?