Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8TS-666-R

  • AI
    The **M8TS-666-R** is a specific electronic component, typically categorized as a **Magnetic Speed Sensor** or an **Electromagnetic Pickup**. These sensors are widely used in automotive and industrial applications to measure the rotational speed of gears or flywheels. --- ### 1. Key Technical Specifications While specific manufacturers may vary slightly, the "666-R" series generally adheres to the following parameters: | Parameter | Description | | :--- | :--- | | **Type** | Variable Reluctance (VR) Sensor | | **Thread Size** | M8 x 1.0 (Metric) | | **Body Material** | Stainless Steel or Nickel-Plated Brass | | **Output Type** | Sine Wave (AC Voltage) | | **Connection** | Integrated leads or connector (depending on sub-model) | | **Resistance** | Typically 600 - 1200 Ohms | --- ### 2. Operating Principle The M8TS-666-R operates on the principle of **Electromagnetic Induction**: 1. **Internal Magnet:** The sensor contains a permanent magnet wrapped in a coil of fine copper wire. 2. **Magnetic Field:** It projects a magnetic field from the sensor tip. 3. **Flux Change:** As a ferrous (iron/steel) gear tooth passes the tip, it disrupts the magnetic field. 4. **Voltage Generation:** This disruption induces an AC voltage pulse in the coil. 5. **Signal Frequency:** The frequency of the resulting sine wave is directly proportional to the RPM of the gear. --- ### 3. Physical Construction * **Housing:** Usually a ruggedized, threaded cylindrical body for easy mounting through brackets. * **Encapsulation:** The internal electronics are potted in epoxy to protect against vibration, moisture, and oil. * **The "R" Suffix:** Usually denotes **RoHS Compliance**, meaning the part is manufactured without restricted hazardous substances like lead or cadmium. --- ### 4. Common Applications * **Tachometers:** Providing input signals for RPM displays. * **Engine Control Units (ECU):** Detecting crankshaft or camshaft positions. * **ABS Systems:** Monitoring wheel speed. * **Industrial Automation:** Measuring conveyor belt speeds or motor rotations. --- ### 5. Installation Note For optimal performance, the **Air Gap** (the distance between the sensor tip and the gear tooth) is critical. If the gap is too large, the signal will be too weak; if it is too small, there is a risk of mechanical contact and damage.
    ✨ Follow-up Questions
    • ⤷ What is the recommended air gap for an M8 magnetic sensor?
    • ⤷ How do I test the M8TS-666-R using a multimeter?
    • ⤷ Does this sensor require an external power supply to function?