Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8XM2-V2V2-R

  • AI
    The **M8XM2-V2V2-R** is a specific technical part number typically associated with high-speed internal connectivity solutions, specifically **M.2 (NGFF) to OCuLink (SFF-8612)** adapter cards or risers used in server and high-performance computing (HPC) environments. Below is a breakdown of the electronic components, architecture, and specifications typical for this part. --- ### 1. Core Component Breakdown | Component Type | Description | Purpose | | :--- | :--- | :--- | | **Interface (Upstream)** | M.2 M-Key (PCIe x4) | Plugs into a standard NVMe slot on a motherboard. | | **Connector (Downstream)** | OCuLink (SFF-8612) | High-density 42-pin connector for external/internal cabling. | | **Voltage Regulator** | DC-to-DC Buck Converter | Steps down motherboard power to stable 3.3V for signaling. | | **Re-driver / Re-timer** | Signal Integrity Chip | Compensates for signal loss over long cable runs. | | **Capacitors** | SMD MLCC (Multi-layer Ceramic) | Filtering electrical noise and ensuring stable voltage delivery. | --- ### 2. Technical Specifications * **Bus Standard:** PCIe Gen 4.0 (Backwards compatible with Gen 3.0). * **Data Rate:** Up to 16 GT/s (Gigatransfers per second) per lane. * **Form Factor:** M.2 2280 (80mm length) or 22110 depending on the specific revision. * **Impedance Control:** 85-ohm differential impedance to match PCIe specifications. --- ### 3. Electronic Architecture Functional Blocks The "V2V2" designation often refers to a specific revision of the PCB (Printed Circuit Board) layout that focuses on **power rail isolation** and **EMI (Electromagnetic Interference) shielding**. #### A. Signal Path The differential pairs (TX/RX) are routed with length-matching precision. Because M.2 slots are not designed to drive long cables, the "R" (often indicating a Re-driver version) includes active components to boost the high-frequency signals. #### B. Power Management * **Input:** Takes +3.3V and +12V from the M.2 slot pins. * **Protection:** Includes TVS (Transient Voltage Suppressor) diodes to protect the connected device (like a U.2 SSD) from power surges during hot-plugging. #### C. Sideband Signaling Includes pins for: * **CLKREQ#:** Reference clock request. * **PERST#:** PCIe Reset. * **WAKE#:** Power management signaling. --- ### 4. Common Use Cases 1. **Storage Expansion:** Connecting a 2.5" U.2 NVMe SSD to a standard consumer motherboard via an OCuLink cable. 2. **External Graphics:** Used in DIY eGPU setups where high bandwidth is required without the overhead of Thunderbolt. 3. **Server Prototyping:** Testing SFF-8639/8612 peripherals on desktop-class hardware.
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable length supported by this adapter before signal degradation occurs?
    • ⤷ Is this part compatible with PCIe Gen 5.0 systems?
    • ⤷ Does the 'R' suffix specifically indicate a re-driver or a right-angle connector?