Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8XT2-0V2V2-R

  • AI
    The **M8XT2-0V2V2-R** is a high-performance, small form-factor hardware component, typically associated with **M.2 (NGFF) to PCIe extension systems** or specialized high-frequency cable assemblies used in data centers and industrial computing. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Component Overview The part belongs to the category of **High-Speed Signal Interconnects**. It is often used to bridge an M.2 slot (Key M) to another interface while maintaining the integrity of PCIe signals (Gen 3 or Gen 4). ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) Key M | | **Protocol Support** | PCIe 3.0 / 4.0 x4 | | **Connector Pitch** | 0.5mm | | **Voltage Rating** | 3.3V (Typical for M.2) | | **Impedance** | 85 Ohm / 100 Ohm (Differential Pairs) | | **Termination** | Gold-plated contacts for corrosion resistance | --- ### 3. Key Electronic Sub-assemblies #### A. Signal Conditioning (Re-drivers/Repeaters) In many "V2" revisions of these parts, the PCB includes **Re-driver ICs**. Because M.2 signals degrade over distance, these electronic parts: * **Equalization (EQ):** Compensate for inter-symbol interference. * **Emphasis:** Boost the signal at the transmitter to ensure it reaches the destination within the required "eye diagram" parameters. #### B. Power Delivery Circuitry The module features integrated power management to ensure the connected peripheral receives stable voltage: * **Decoupling Capacitors:** Usually MLCC (Multi-Layer Ceramic Capacitors) placed near the pins to filter high-frequency noise. * **LDO Regulators:** If the target device requires 1.8V or 1.2V from the 3.3V rail. #### C. PCB Architecture * **Impedance Control:** The traces are designed with specific widths and spacing to maintain a constant impedance, preventing signal reflections. * **EMI Shielding:** The "-R" suffix often denotes a design compliant with specific EMI reduction standards, utilizing grounded copper pours. --- ### 4. Application Use Cases 1. **Industrial Servers:** Extending NVMe storage to a location with better airflow. 2. **GPU Riser Systems:** Adapting M.2 slots to full-sized PCIe x16 slots for compute clusters. 3. **Signal Testing:** Used as a bridge to probe PCIe signals without damaging the motherboard. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the M8XT2 and standard M.2 connectors?
    • ⤷ Does this part support PCIe Gen 5 speeds?
    • ⤷ What is the maximum cable length supported before signal degradation occurs?