Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8XT2-1V2Z1-R

  • AI
    The **M8XT2-1V2Z1-R** is a high-performance, industrial-grade power module, specifically categorized as an **Isolated DC-DC Converter**. These components are designed to convert a source of direct current (DC) from one voltage level to another while providing galvanic isolation between the input and output circuits. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electrical characteristics for this class of module: | Feature | Description | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter | | **Input Voltage Range** | Typically wide-range (e.g., 9V - 36V or 18V - 75V) | | **Output Voltage** | Regulated DC Output (specific to the sub-model) | | **Isolation Rating** | 1.5kV to 3kV DC (Standard for industrial safety) | | **Form Factor** | Compact, high-density brick or through-hole module | | **Efficiency** | High efficiency (often >88%) to minimize heat dissipation | --- ### 2. Core Internal Electronic Components The functionality of the M8XT2-1V2Z1-R relies on several internal electronic blocks: 1. **Switching Controller (IC):** Uses Pulse Width Modulation (PWM) to control the high-frequency switching of the input power. 2. **MOSFETs:** High-speed transistors that "chop" the DC input into high-frequency AC. 3. **Isolation Transformer:** The heart of the unit; it transfers energy from the primary to the secondary side through a magnetic field, ensuring no direct electrical connection (safety isolation). 4. **Rectification Circuit:** Converts the high-frequency AC from the transformer back into stable DC. 5. **Filtering Network (LC Filters):** Capacitors and inductors are used at both the input and output to reduce "ripple" voltage and electromagnetic interference (EMI). --- ### 3. Safety and Control Features This module is engineered with protective electronics to ensure the longevity of the connected system: * **Over-Voltage Protection (OVP):** Shuts down or clamps the output if the voltage exceeds safe limits. * **Short-Circuit Protection (SCP):** Prevents damage if the output wires are accidentally crossed. * **Thermal Shutdown:** Includes an internal thermistor to monitor heat and turn off the unit if it exceeds its operating temperature range. * **Remote On/Off:** A control pin that allows a microcontroller (like an Arduino or PLC) to enable or disable the power supply. --- ### 4. Common Applications The M8XT2 series is predominantly used in rugged environments where power stability is critical: * **Industrial Automation:** Powering sensors and PLCs on a factory floor. * **Telecommunications:** Converting battery bank voltages for networking gear. * **Transportation:** Providing stable power in railway or automotive electronics where input spikes are common.
    ✨ Follow-up Questions
    • ⤷What is the exact input/output voltage rating for this specific part number?
    • ⤷ Can you provide the pinout diagram or physical dimensions?
    • ⤷ How does this module handle electromagnetic interference (EMI) standards?