Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8XT2-4V2Z1-R

  • AI
    The **M8XT2-4V2Z1-R** is a specific technical configuration for a **tactile switch**, typically part of the **M8 series** manufactured by companies like **Diptronics** or similar electromechanical component suppliers. These switches are commonly used in consumer electronics for tactile feedback (the "click" sensation). --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Actuation Force** | Typically 160gf to 260gf (Model dependent) | | **Operating Life** | ~100,000 to 500,000 cycles | | **Contact Rating** | 50mA, 12V DC | | **Contact Resistance** | 100mΩ Max | | **Insulation Resistance** | 100MΩ Min at 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | --- ### 2. Breakdown of the Part Number Logic While naming conventions vary slightly by manufacturer, the code generally breaks down as follows: * **M8**: Refers to the series size (often a miniature or ultra-miniature footprint). * **XT2**: Indicates the specific actuator height or stem type. * **4V**: Typically refers to the physical dimensions (e.g., 4.5mm x 4.5mm or height specific). * **2Z**: Represents the terminal style (Z-bend leads for SMT mounting). * **R**: Indicates **Tape & Reel** packaging, used for automated pick-and-place assembly lines. --- ### 3. Physical & Material Composition 1. **Cover:** Usually Stainless Steel or Nickel Silver to protect the internal dome. 2. **Actuator:** A plastic stem (often made of high-temperature Nylon or LCP) that the user presses. 3. **Contact Dome:** A stainless steel alloy with silver plating. This provides the "snap" action and electrical bridge. 4. **Base:** High-temperature thermoplastic capable of withstanding lead-free reflow soldering. 5. **Terminals:** Brass with silver or gold plating for high conductivity and solderability. --- ### 4. Common Applications Due to its small footprint and SMT design, this part is found in: * **Portable Electronics:** Smartphones, tablets, and smartwatches. * **Peripherals:** Computer mice, keyboards, and remote-control buttons. * **Industrial:** Interface panels and reset buttons on PCB boards. * **Automotive:** Dashboard controls and key fobs. --- ### 5. Implementation Example (Schematic Logic) In a standard microcontroller circuit, this switch is used to pull a digital pin to Ground. ```cpp // Typical Arduino-style logic for a Tactile Switch const int buttonPin = 2; void setup() { pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor } void loop() { int buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed, circuit is closed } } ```
    ✨ Follow-up Questions
    • ⤷What is the exact footprint size of the M8 series?
    • ⤷ Does this switch support wave soldering or only reflow?
    • ⤷ What are the alternative actuation forces available for this model?