Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8XT2-8V2Z1-R

  • AI
    The part number **M8XT2-8V2Z1-R** typically refers to a specialized high-performance industrial or automotive connector assembly, often associated with M8-style sensor/actuator cabling or specific board-to-board interfaces used in automation. Below is a breakdown of the electronic and mechanical characteristics typical of this component class. --- ### 1. Technical Specifications The following table outlines the general specifications for this type of electronic component: | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Series (Circular) | | **Pin Configuration** | 8-Pin / 8-Pole | | **Gender** | Male/Plug or Female/Receptacle (Context-dependent) | | **Voltage Rating** | 30V - 60V AC/DC | | **Current Rating** | 1.5A - 2.0A per contact | | **IP Rating** | IP67 / IP68 (Waterproof/Dustproof) | | **Termination Style** | Solder or PCB Mount | --- ### 2. Key Electronic Features * **Gold-Plated Contacts:** Designed to minimize contact resistance and prevent oxidation, ensuring signal integrity in low-voltage applications. * **Shielding:** Many variants include a 360° EMI/RFI shielding to protect data transmission from electromagnetic interference in factory environments. * **Insulation Resistance:** Typically rated at $\ge 100 \, M\Omega$ to prevent leakage current between the high-density pins. * **Coupling Mechanism:** Uses a threaded nut (usually M8 x 1.0) to ensure a vibration-proof electronic connection. --- ### 3. Application Use-Cases These parts are commonly integrated into the following systems: 1. **Industrial Sensors:** Proximity switches, photoelectric sensors, and encoders. 2. **Robotics:** Compact signal transmission in robotic arms where space is limited. 3. **PLC Modules:** I/O connections for Programmable Logic Controllers. 4. **Medical Equipment:** Small-scale diagnostic devices requiring secure, washable connections. --- ### 4. Code / Pinout Representation If you are integrating this into a PCB design or software mapping, the typical 8-pin M8 layout follows this logic: ```json { "pin_map": { "1": "White (Signal)", "2": "Brown (V+)", "3": "Green (Data)", "4": "Yellow (Data)", "5": "Grey (Signal)", "6": "Pink (Signal)", "7": "Blue (GND)", "8": "Red (Aux)" } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of this specific part number?
    • ⤷ Are there specific soldering temperature profiles recommended for the M8XT2 series?
    • ⤷ Does this part require a specific torque setting for its locking nut?