Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-355-R/BL

  • AI
    The **M8YV-355-R/BL** refers to a specific series of **Rotary Potentiometers**, commonly utilized in industrial equipment and consumer electronics for manual control adjustments. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Component Identification | Feature | Specification | | :--- | :--- | | **Category** | Passive Component / Variable Resistor | | **Type** | Rotary Potentiometer (Carbon Film) | | **Model Series** | M8YV | | **Bush/Shaft Length** | 35mm (Approximate, based on "355" suffix) | | **Terminal Type** | Vertical (V) / Right Angle | --- ### 2. Key Electronic Specifications The "R/BL" designation typically refers to the resistance value and the taper (curve) of the potentiometer. * **Resistance Value:** Usually ranges from $1k\Omega$ to $1M\Omega$ depending on the specific sub-model code. * **Resistance Taper (B):** The "B" in the suffix usually denotes a **Linear Taper**. This means the resistance changes in direct proportion to the rotation of the shaft (ideal for standard volume or speed control). * **Tolerance:** Standard industry tolerance is $\pm 20\%$. * **Power Rating:** Typically rated at $0.05W$ to $0.1W$ for small-form-factor rotary pots. * **Max Operating Voltage:** Usually around $50V$ AC or $20V$ DC. --- ### 3. Physical & Mechanical Construction These parts are designed for PCB mounting with specific structural features: 1. **Rotational Angle:** Total rotation is typically $300^\circ \pm 5^\circ$. 2. **Mounting Style:** The "V" indicates a vertical mount where the shaft is perpendicular to the PCB, or a specific pin configuration for vertical orientation. 3. **Terminal Layout:** * **Pin 1:** Ground/Low * **Pin 2:** Wiper (Output) * **Pin 3:** Input/High 4. **Material:** The "R" often refers to a plastic or metal shaft with a specific knurling or D-shape for knob attachment. --- ### 4. Common Applications * **Audio Equipment:** Volume, Tone, and Balance controls. * **Dimmer Switches:** Controlling light intensity in small LED circuits. * **Motor Control:** Adjusting the speed of small DC motors via PWM controllers. * **Testing Equipment:** Calibration adjustments on sensor modules. --- ### 5. Technical Circuit Representation In a schematic, this component acts as a voltage divider: ```python # Electronic Signal Path Input_Voltage (Pin 3) ----> [ Resistor Element ] ----> Ground (Pin 1) ^ | Wiper (Pin 2) Output ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 355-R/BL variant?
    • ⤷ Is this potentiometer suitable for high-power applications?
    • ⤷ What are the dimensions of the M8YV mounting pins?