Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-366-R/BL

  • AI
    The **M8YV-366-R/BL** is a specialized high-performance cable assembly, typically categorized as a **Circular Connector Cable** or a **M8 Sensor/Actuator Cable**. These parts are foundational in industrial automation and robotics. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | M8 | 8mm metric threaded coupling | | **Configuration** | 3-Pin / 4-Pin | Standard sensor wiring configuration | | **Orientation** | Right-Angle (R) | 90-degree connector head for tight spaces | | **Color Code** | BL (Black/Blue) | Typically indicates jacket color or specific signaling | | **Voltage Rating** | 30V - 60V AC/DC | Standard low-voltage operation | | **Current Rating** | 1A - 4A | Depending on wire gauge (AWG) | --- ### 2. Key Electronic Components Inside this assembly, several key components ensure signal integrity and durability: #### A. The Contacts (Pins/Sockets) * **Material:** Usually gold-plated brass or copper alloy. * **Function:** Gold plating prevents oxidation and ensures low contact resistance, which is critical for low-voltage sensor signals (like NPN/PNP signals). #### B. The Shielding (Internal) * **Type:** Often features a braided or foil shield. * **Purpose:** Protects the internal data or power signals from **Electromagnetic Interference (EMI)** and Radio Frequency Interference (RFI) common in factory environments. #### C. The Jacket (Insulation) * **Material:** Usually PUR (Polyurethane) or PVC. * **Electronic Property:** Provides high dielectric strength to prevent short-circuiting and ensures the cable can withstand "noise" from adjacent high-voltage power lines. --- ### 3. Common Applications These parts are designed for the **I/O (Input/Output)** layer of automation systems: 1. **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. 2. **Actuators:** Powering small solenoid valves or indicators. 3. **Robotic Arms:** The "R" (Right-Angle) designation is crucial here to prevent cable strain during high-speed articulation. --- ### 4. Circuit Diagram Representation In a standard 3-pin M8 electronic setup, the wiring usually follows the **IEC 61076-2-104** standard: ```text Pin 1: Brown (+) -> 24V DC Pin 3: Blue (-) -> 0V / Ground Pin 4: Black (Out) -> Signal / Switching ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between PUR and PVC jacketing for this specific part?
    • ⤷ Can this connector be used for high-speed data transmission like Ethernet?
    • ⤷ How does the 'Right-Angle' design affect the electrical lifespan of the cable?