Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-366-R/Q

  • AI
    Based on the part number **M8YV-366-R/Q**, this component belongs to the family of **Surface Mount Device (SMD) Power Inductors**, typically manufactured by companies like **Coilcraft** or similar magnetic component specialists. These parts are primarily used in power management circuits to store energy, filter noise, and regulate voltage. --- ## Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Core Material** | Ferrite or Composite Iron Powder | | **Shielding** | Magnetically Shielded (prevents EMI) | | **Mounting Type** | Surface Mount (SMT) | | **Configuration** | Fixed Inductor | ### Detailed Breakdown of the Part Number 1. **M8YV**: This represents the **Series/Body Style**. It indicates the physical dimensions (footprint) and the internal winding technology used. 2. **366**: This is the **Inductance Code**. * In inductor nomenclature, the first two digits are significant figures, and the third is the multiplier (10^n). * However, in specific series, "366" often maps to a specific microhenry ($\mu H$) rating defined in the manufacturer's datasheet (e.g., 36 $\mu H$). 3. **-R/Q**: These are **Tolerance and Packaging** suffixes. * **R**: Often denotes compliance (RoHS) or a specific tolerance (like $\pm 20\%$). * **Q**: Usually indicates the packaging method (e.g., Tape and Reel) or a quality grade (Automotive vs. Commercial). --- ## Electronic Functions ### 1. Energy Storage In a DC-DC converter (Buck or Boost), this inductor stores energy in its magnetic field during the "ON" cycle of the switching transistor and releases it to the load during the "OFF" cycle. ### 2. Filtering (Smoothing) The M8YV series is designed to handle high-frequency ripple current. It acts as a low-pass filter, smoothing out the pulsating DC voltage from a switching regulator to provide a steady output. ### 3. EMI Suppression Because it is a **shielded** inductor, the magnetic flux is contained within the component. This is critical in compact electronics (like smartphones or laptops) to prevent the inductor from interfering with nearby sensitive components like Wi-Fi or Bluetooth modules. --- ## Common Applications * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Telecommunications:** Base station power supplies and DC-DC converters. * **Industrial:** High-efficiency LED drivers and motor control circuits. * **Consumer Electronics:** Power management in tablets and high-end audio equipment. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the M8YV series footprint?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What is the saturation current rating for the 366 variant?