Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-466-R

  • AI
    The **M8YV-466-R** is an industrial-grade **Power Relay** manufactured by **Omron**. It is specifically designed for high-load switching applications, often found in automotive systems, industrial automation, and power management units. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the M8YV-466-R relay: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Contact Configuration** | SPST-NO (1 Form A) | | **Rated Load** | High current (typically 20A to 40A range) | | **Nominal Voltage** | 12V DC (Standard for automotive/industrial control) | | **Mounting Type** | PCB Mount / Plug-in (depending on variant) | | **Terminal Style** | Solder or Quick Connect | | **Operating Temperature** | -40°C to +85°C | --- ### ## Internal Electronic Components The device functions through a combination of electromagnetic and mechanical parts: 1. **Electromagnetic Coil:** A copper wire winding that generates a magnetic field when energized by a low-power control signal. 2. **Armature:** A moving metal piece attracted by the coil's magnetic field. 3. **Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or similar alloys to resist "welding" (sticking) under high current loads. 4. **Damping Mechanism:** Internal springs ensure the contacts return to the "Open" position once power is removed from the coil. 5. **Housing:** A sealed or flux-resistant plastic casing designed to protect internal components from dust and moisture. --- ### ## Common Applications Due to its robust design, the M8YV-466-R is typically used in the following scenarios: * **Automotive Control:** Managing radiator fans, fuel pumps, and headlight circuits. * **HVAC Systems:** Switching compressors or high-power blowers. * **Industrial Automation:** Acting as an interface between a low-power PLC (Programmable Logic Controller) and a high-power motor or heater. * **Power Supplies:** Serving as a safety disconnect or inrush current limiter. --- ### ## Wiring Logic When integrating this part into a circuit, the pinout generally follows this logic: ```c // Simplified Pin Identification Pin 1 & 2: Coil Terminals (Input Control Voltage) Pin 3: Common (COM) - Power Input Pin 4: Normally Open (NO) - Power Output to Load ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the M8YV-466-R?
    • ⤷ Is there a direct equivalent replacement from another manufacturer like TE Connectivity?
    • ⤷ How do I test if the coil in this relay has failed using a multimeter?