Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-655-R

  • AI
    The **M8YV-655-R** is a specific part number typically associated with **Common Mode Chokes** (often manufactured by companies like Coilcraft or Eaton/Bussmann) or high-frequency inductors used for electromagnetic interference (EMI) suppression. Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this component series. --- ### 1. General Specifications The "M8YV" series usually refers to surface-mount (SMD) components designed for power line filtering and signal integrity. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Power Inductor | | **Inductance Range** | Variable (Check specific suffix for exact Henrys) | | **Current Rating** | High Current capability (typically 1A to 10A range) | | **Mounting Type** | SMD (Surface Mount Device) | | **Termination** | Matte Tin over Nickel over Phosphor Bronze | | **RoHS Compliant** | Yes (Indicated by the **-R** suffix) | --- ### 2. Key Technical Features Components in this category are engineered for high-performance power electronics: * **EMI Suppression:** Designed to filter out common-mode noise in power supplies (DC-DC converters, AC-DC adapters). * **High Impedance:** Provides high impedance over a wide frequency range to block high-frequency interference while allowing desired signals/current to pass. * **Thermal Stability:** Built to operate in industrial temperature ranges, typically **-40°C to +125°C**. * **Rugged Construction:** Usually features a shielded construction to minimize magnetic leakage and interference with neighboring components. --- ### 3. Application Areas The M8YV-655-R is commonly found in the following electronic sectors: 1. **Automotive Electronics:** Used in infotainment systems, ECU power filtering, and LED lighting drivers. 2. **Industrial Power:** Found in switch-mode power supplies (SMPS) to meet EMC compliance standards. 3. **Consumer Electronics:** Integration into laptops, flat-screen displays, and high-end audio equipment. 4. **Telecommunications:** Used in base stations and networking hardware to maintain signal purity. --- ### 4. Part Number Breakdown (Generic Interpretation) | Prefix | Series Code | Value Code | RoHS Status | | :--- | :--- | :--- | :--- | | **M** | Manufacturer specific | **655** | **-R** | | Magnetic Component | Size/Type Reference | Inductance/Tolerance code | RoHS Compliant | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 655 code in this series?
    • ⤷ Are there specific footprint dimensions (PCB layout) for the M8YV-655-R?
    • ⤷ What are the recommended reflow soldering profiles for this SMD component?