Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-655-R/Q

  • AI
    The **M8YV-655-R/Q** is a specific part number typically associated with **TDK-Lambda** or similar industrial power supply manufacturers (specifically within the **Vega** or **NV series** modular power systems). This code refers to a specific output module configuration within a modular AC-DC power supply. --- ## 1. Component Identification This part is not a standalone component (like a resistor or transistor) but a **Modular Output Converter**. In industrial power supplies, the chassis provides the AC-DC rectification, while modules like the M8YV provide the specific DC voltage regulation. ### Configuration Breakdown | Code Segment | Description | | :--- | :--- | | **M8** | Module Type (High power or specific efficiency class) | | **YV** | Voltage Identifier (Typically 12V - 15V adjustable range) | | **655** | Current/Power Rating (Often indicates ~65A or a specific wattage) | | **R/Q** | Options: **R** (Remote Sense/Programming), **Q** (Specific Cooling/Efficiency) | --- ## 2. Key Technical Specifications Based on the standard architecture for these industrial modules: * **Output Voltage:** Typically adjustable (e.g., 12V to 15V DC). * **Max Current:** High current capacity (varies by chassis, but generally up to 60-80A). * **Isolation:** Fully isolated from the input and other output modules. * **Protection Features:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection (Constant current limiting). * **OTP:** Over Temperature Protection. * **Control Interface:** Usually includes pins for Remote On/Off and Voltage Margin testing. --- ## 3. Physical & Electrical Characteristics ### Mechanical Interface These modules utilize a **blind-mate connector** system to plug into the backplane of a power supply rack. The output terminals are usually heavy-duty M4 or M5 threaded studs to handle high amperage without significant voltage drops. ### Thermal Management The "Q" suffix often denotes a specific thermal profile. The module relies on the host chassis's internal fans for forced-air cooling. If the airflow is obstructed, the module will automatically throttle or shut down to prevent silicon degradation. --- ## 4. Common Applications * **Medical Equipment:** High-reliability power for imaging systems (MRI/CT). * **Data Communications:** Powering network switches and servers. * **Industrial Automation:** PLCs and robotic arm controllers requiring stable 12V/24V rails. * **Test & Measurement:** Used in ATE (Automatic Test Equipment) racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range required for the chassis hosting this module?
    • ⤷ How do you calibrate the output voltage using the Remote Sense pins?
    • ⤷ Are there equivalent replacement modules from other manufacturers like Vicor or XP Power?