Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-C55-R

  • AI
    The **M8YV-C55-R** is a specific model identifier typically associated with **Industrial Automation Sensors**, specifically **Inductive Proximity Sensors** or **Photoelectric Sensors** depending on the manufacturer (most commonly associated with brands like Omron or specialized Chinese industrial suppliers). Below is a breakdown of the electronic and technical components typical for this part series. ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Housing Size** | M8 (8mm Diameter) | | **Mounting Type** | Flush / Shielded | | **Sensing Distance** | ~1.5mm to 2mm (Standard for M8) | | **Output Type** | NPN or PNP (Configurable via wiring) | | **Switching Logic** | NO (Normally Open) or NC (Normally Closed) | | **Operating Voltage** | 10-30V DC | | **Connection Method** | Cable or M12/M8 Connector (R suffix often denotes Connector) | --- ### 2. Core Electronic Components The internal architecture of the M8YV series consists of four primary electronic stages: #### A. The Oscillator (Resonant Circuit) * **Function:** Generates a high-frequency electromagnetic field that emanates from the sensing face. * **Components:** Inductor (coil) and a capacitor. #### B. The Trigger Circuit (Schmitt Trigger) * **Function:** Monitors the amplitude of the oscillations. When a metal object enters the field, eddy currents are induced, causing the oscillation amplitude to drop (Damping). * **Logic:** The trigger circuit converts this analog change into a digital "On/Off" signal. #### C. The Output Stage (Transistor) * **Component:** Usually a Power MOSFET or Bipolar Junction Transistor (BJT). * **Function:** Acts as a solid-state switch to complete the circuit for the load (e.g., a PLC input or a relay). #### D. Protection Circuitry * **Reverse Polarity Protection:** Diodes that prevent damage if the + and - wires are swapped. * **Short Circuit Protection:** Prevents the internal transistor from burning out if the output is grounded. --- ### 3. Wiring Configuration The "R" in the model name often refers to a specific connector pinout or a right-angle connector orientation. Standard 3-wire DC wiring for this class of device is as follows: | Wire Color | Function | Pin Number (if Connector) | | :--- | :--- | :--- | | **Brown** | Positive (+VDC) | Pin 1 | | **Blue** | Negative (0V/GND) | Pin 3 | | **Black** | Control Output | Pin 4 | --- ### 4. Application Environments Due to its M8 size, this part is used in: * **Positioning:** Detecting the end-of-travel on small pneumatic cylinders. * **Counting:** High-speed counting of metallic parts on a conveyor. * **Machine Tooling:** Verifying tool presence in CNC spindles.
    ✨ Follow-up Questions
    • ⤷ Is the M8YV-C55-R an inductive or photoelectric sensor in your specific application?
    • ⤷ Do you need the specific pinout diagram for the 'R' connector variant?
    • ⤷ What is the target material you are trying to detect with this sensor?