Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-F44-R

  • AI
    The **M8YV-F44-R** is a specific part number typically associated with high-performance electronic connectors, often utilized in industrial automation and sensor applications. It generally refers to an **M8 Circular Connector** with a right-angle configuration. --- ### Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics for this component: | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular Connector | | **Orientation** | Right-Angle (90°) | | **Number of Pins** | 4-Pin (F44 indicates 4 contacts) | | **Gender** | Female (typically designated by the 'F') | | **Locking System** | Threaded M8 x 1mm | | **Termination Style** | Solder or PCB Mount (depending on suffix) | | **Protection Class** | IP67 / IP68 (Waterproof/Dustproof) | --- ### Key Electronic Components & Materials 1. **Contact Pins:** * **Material:** Usually made of Brass or Copper Alloy. * **Plating:** Gold-plated contacts to ensure low electrical resistance and prevent oxidation over long-term use. 2. **Insulator Body:** * **Material:** PA66 or PBT (Polybutylene Terephthalate). * **Purpose:** Provides high dielectric strength to prevent short-circuiting between pins. 3. **Housing/Shell:** * **Material:** Nickel-plated Brass or Zinc alloy. * **Purpose:** Provides mechanical durability and EMI (Electromagnetic Interference) shielding. 4. **O-Rings/Seals:** * **Material:** NBR or Viton. * **Purpose:** Ensures environmental sealing against moisture and oil. --- ### Electrical Ratings The M8 series is designed for signal and low-power transmission. Typical electrical limits for a 4-pin configuration include: * **Rated Voltage:** 30V AC / 30V DC * **Rated Current:** 3A to 4A per contact. * **Insulation Resistance:** $\ge 100 \, M\Omega$. * **Contact Resistance:** $\le 10 \, m\Omega$. --- ### Common Applications * **Sensors:** Proximity switches, photoelectric sensors, and limit switches. * **Actuators:** Small valves and motor feedback loops. * **Robotics:** End-of-arm tooling where space is constrained (the "R" right-angle design helps with cable routing).
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for a standard 4-pin M8 connector?
    • ⤷ What are the environmental temperature limits for the M8YV series?
    • ⤷ Are there shielded versions available for high-interference environments?