Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV-F66-R/BL

  • AI
    The **M8YV-F66-R/BL** is a specific model identifier typically associated with **M8 sized Industrial LED Indicators** or pilot lights. These components are essential in industrial automation and control panels for visual status signaling. Below is a breakdown of the electronic and mechanical specifications for this component: ### 1. Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | M8 Series | Standard 8mm mounting diameter. | | **Voltage Options** | 6V, 12V, 24V, 110V, 220V | Available in AC or DC depending on the internal resistor. | | **Lens Color** | Red / Blue (R/BL) | Dual-color or selectable indicator. | | **Body Material** | Chrome-plated brass or Stainless Steel | Ensures durability in industrial environments. | | **Light Source** | LED | High-brightness, low power consumption. | | **Termination** | Pin or Solder Lug | For wiring connections. | | **IP Rating** | IP65 / IP67 | Waterproof and dustproof front panel protection. | --- ### 2. Key Electronic Components The internal architecture of an M8 LED indicator consists of several critical parts: * **LED Die:** The semiconductor light source. In the "R/BL" configuration, it contains both Red and Blue emitters. * **Current-Limiting Resistor:** Integrated internally to prevent the LED from burning out at the rated voltage (e.g., 24V). * **Protection Diode:** Often included in DC models to protect against reverse polarity. * **Reflector/Diffuser:** A plastic lens (often polycarbonate) that spreads the light evenly across the 8mm surface. --- ### 3. Application Use Cases These parts are primarily used in environments where space is limited but high visibility is required: 1. **CNC Machinery:** Indicating "Power On" (Blue) or "Error" (Red). 2. **PLCs (Programmable Logic Controllers):** Visual feedback for input/output status. 3. **Medical Equipment:** Status signaling for sterilized or active modes. 4. **Custom Control Panels:** Compact interface design for small enclosures. --- ### 4. Wiring Configuration (Standard) Typical wiring for a dual-color LED like the R/BL model: ```text Common Cathode (-) Arrangement: Terminal 1: Positive (+) for Red Light Terminal 2: Positive (+) for Blue Light Terminal 3: Common Ground (-) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage for the M8YV-F66-R/BL model?
    • ⤷ Is this indicator available with a flashing function?
    • ⤷ What is the mounting torque requirement for an 8mm industrial indicator?