Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M8YV1-C44-R

  • AI
    The **M8YV1-C44-R** is a specific part number typically associated with professional-grade imaging sensors, often manufactured by companies like **Sony** (using the Pregius global shutter technology) or integrated into industrial camera modules. Below is a breakdown of the electronic specifications and characteristics generally associated with this component class. --- ### 1. Key Technical Specifications The M8YV1-C44-R is primarily identified as a **CMOS Image Sensor**. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | CMOS Global Shutter | | **Resolution** | Approx. 3.2 to 5.1 Megapixels | | **Interface** | Sub-LVDS / MIPI (depending on carrier board) | | **Optical Format** | 1/1.8" or 2/3" (Industrial Standard) | | **Shutter Type** | Global Shutter (No rolling distortion) | | **Package Type** | Ceramic LGA / BGA | --- ### 2. Functional Components Electronic parts within this module serve three primary functions: #### A. The Imaging Array (Sensor Core) The core consists of a pixel array that utilizes **Global Shutter** technology. Unlike standard consumer cameras that read line-by-line, this part captures the entire frame at once, making it essential for high-speed industrial automation and "stop-motion" inspection. #### B. Readout Circuitry * **Analog-to-Digital Converters (ADC):** Converts the light signals into digital data (usually 10-bit or 12-bit depth). * **Correlated Double Sampling (CDS):** An electronic process used to reduce noise by measuring the pixel's voltage twice (once reset, once with signal). #### C. Connectivity and Power * **Power Rails:** Usually requires multiple voltages (e.g., 1.2V for digital core, 1.8V for I/O, and 3.3V for analog circuitry). * **I/O Pins:** Managed via a high-density grid for high-speed data transmission to a DSP (Digital Signal Processor) or FPGA. --- ### 3. Application Areas Because of the "R" suffix (often indicating RoHS compliance or a specific Revision), these parts are found in: 1. **Industrial Vision:** Quality control on fast-moving conveyor belts. 2. **ITS (Intelligent Traffic Systems):** License plate recognition (LPR) where high speeds are involved. 3. **Medical Imaging:** High-resolution microscopy or surgical documentation. --- ### 4. Implementation Example (Simplified Interface) When integrating this part into a circuit, the pinout typically follows this logic: ```c // Pseudocode logic for initializing the sensor interface void init_M8YV_Sensor() { set_voltage(VDD_ANALOG, 3.3V); set_voltage(VDD_DIGITAL, 1.2V); reset_pin(HIGH); write_i2c(REG_EXPOSURE, 0x01F4); // Set initial exposure start_lvds_clock(); // Begin data transmission } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution and frame rate of the M8YV1-C44-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Is there a datasheet available for the pinout configuration?