Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M9306-RBN3T

  • AI
    The **M9306-RBN3T** is a specific part number typically associated with high-performance electronic cabling and connectivity components, often found in industrial, telecommunications, or medical equipment. Specifically, it refers to a **GigaSPEED® X10D 2091B Series Category 6A U/UTP Cable**. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Cable Type** | U/UTP (Unshielded Twisted Pair) | | **Category** | Category 6A (Cat 6A) | | **Conductor Gauge** | 23 AWG | | **Conductor Material** | Bare Copper | | **Insulation Material** | Polyolefin | | **Jacket Material** | Low Smoke Zero Halogen (LSZH) | | **Transmission Speed** | Up to 10 Gbps | | **Bandwidth** | 500 MHz | --- ## Key Electronic Components & Features ### 1. Conductor Design The core of the part consists of four pairs of **23 AWG solid bare copper conductors**. The use of solid copper ensures high conductivity and minimal signal attenuation over long distances compared to stranded or aluminum alternatives. ### 2. Internal Separator (Spline) To meet Cat 6A standards, the M9306 utilizes an internal non-metallic separator. This component: * Physically separates the four pairs to reduce **Near-End Crosstalk (NEXT)**. * Maintains the structural geometry of the cable during installation. ### 3. Alien Crosstalk Mitigation The "RBN" suffix often denotes specific reel packaging or jacket variations designed to minimize **Alien Crosstalk (ANEXT)**—interference from adjacent cables. This is crucial for 10 Gigabit Ethernet performance, where high frequencies are sensitive to external noise. ### 4. Low Smoke Zero Halogen (LSZH) Jacket The "3T" suffix frequently indicates the jacket material properties. LSZH is an electronic safety standard: * **Low Smoke:** Does not emit thick black smoke during combustion, aiding visibility in fires. * **Zero Halogen:** Does not release toxic acid gases (like Chlorine or Fluorine) when exposed to heat, protecting both human life and sensitive electronic circuitry from corrosion. --- ## Applications * **Data Centers:** High-density 10G server connections. * **PoE+ Support:** Rated for Power over Ethernet (up to 90W), allowing it to power wireless access points and VoIP phones. * **Smart Buildings:** Infrastructure for high-bandwidth automation systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance supported for 10Gbps transmission using this cable?
    • ⤷ How does LSZH compare to Plenum (CMP) rated jackets in electronic installations?
    • ⤷ Is this cable compatible with standard RJ45 connectors?