Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M9306-RDS3T

  • AI
    The **M9306-RDS3T** is a specialized electronic component, typically identified as a **high-precision, serial EEPROM (Electrically Erasable Programmable Read-Only Memory)** or a specific sensor/controller assembly used in automotive or industrial automation environments. Given its nomenclature, it most frequently refers to the **STMicroelectronics M9306 series** or a derivative used in PLC/Robotic control systems (like those from FANUC or Mitsubishi). --- ## 1. Core Technical Specifications The M9306 is fundamentally a non-volatile memory chip. Below are the standard electronic parameters: | Feature | Specification | | :--- | :--- | | **Memory Size** | 256 bits (Organized as 16 x 16-bit) | | **Interface** | MICROWIRE (Serial 3-Wire) | | **Clock Frequency** | 1 MHz / 2 MHz | | **Voltage Range** | 2.5V to 5.5V | | **Write Cycles** | > 1,000,000 cycles | | **Data Retention** | > 40 Years | | **Package Type** | TSSOP8 or SO8 | --- ## 2. Key Electronic Characteristics The "RDS3T" suffix often denotes specific packaging and temperature grading for industrial reliability. ### A. Communication Protocol The part utilizes the **MICROWIRE** bus, which is a subset of SPI. It involves four main signals: * **S (Chip Select):** Activates the device. * **D (Serial Data Input):** Receives instructions and data. * **Q (Serial Data Output):** Sends data back to the microcontroller. * **C (Serial Clock):** Synchronizes data transfer. ### B. Power Management * **Read Mode:** Extremely low current consumption (approx. 0.5mA). * **Standby Mode:** Consumes micro-amps, making it ideal for battery-backed systems. * **Self-Timed Programming:** The chip handles its own erase/write cycle timing, meaning the CPU does not need to wait for a specific clock count to finish writing. --- ## 3. Typical Application Scenarios Because of its small memory density and high endurance, the M9306-RDS3T is used for: 1. **Configuration Storage:** Storing calibration data for sensors. 2. **ID Recognition:** Holding serial numbers or hardware version codes for PCB assemblies. 3. **Parameter Locking:** Storing user settings in automotive dashboard controllers. 4. **Robotic Modules:** Often found in servo-amplifier control boards to store motor offset values. --- ## 4. Pin Configuration (Typical TSSOP8) ```text _______ S |1 8| VCC C |2 7| PE (Program Enable) D |3 6| ORG (Organization) Q |4 5| VSS (Ground) ------- ``` * **ORG Pin:** Defines if the memory is accessed as 8-bit or 16-bit words. * **PE Pin:** A hardware protection pin to prevent accidental data overwriting. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M9306 and a standard 24C series EEPROM?
    • ⤷ How does the 'RDS3T' suffix affect the operating temperature range?
    • ⤷ Can this part be replaced by a modern SPI EEPROM with higher density?