Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M9356-RBN3T

  • AI
    The **M9356-RBN3T** is a specific technical part number, typically associated with high-performance cooling solutions or specialized electronic motor components used in industrial and telecommunications equipment. --- ### 1. Component Overview The part belongs to the category of **DC Axial Fans** or **Intelligent Cooling Modules**. These parts are designed for high-density server racks, power supplies, or telecommunications enclosures where thermal management is critical. ### 2. Technical Specifications While exact specifications can vary by manufacturer (often Nidec or Delta), the "M9356" series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 12V DC or 48V DC (Application dependent) | | **Operating Current** | High-amperage (e.g., 2.0A - 4.5A) | | **Dimensions** | Often 40mm x 40mm x 56mm (Dual-Rotor) | | **Speed Control** | PWM (Pulse Width Modulation) | | **Feedback Mechanism** | Tachometer/Frequency Generator (FG) Signal | | **Bearing Type** | Dual Ball Bearing for longevity | ### 3. Key Electronic Features * **Dual-Rotor Design:** The "R" in the suffix often denotes a counter-rotating design. One set of blades spins clockwise while the second spins counter-clockwise, significantly increasing static pressure to push air through dense heat sinks. * **PWM Speed Control:** The electronic control board integrated into the hub allows the system to adjust RPM dynamically based on temperature sensors, saving power and reducing noise. * **Locked Rotor Protection:** The internal circuitry detects if the fan is physically obstructed and automatically cuts power to prevent the motor coils from burning out. * **Soft Start:** To prevent a massive current spike (inrush current) on the power supply when the system turns on, the internal electronics ramp up the motor speed gradually. --- ### 4. Pin Configuration (Typical 4-Wire) For these electronic modules, the wiring usually follows this standard: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative terminal | | **Red** | VCC | Positive Power Supply | | **Yellow** | FG / Tach | Speed feedback (Output signal) | | **Blue** | PWM | Speed control (Input signal) | --- ### 5. Common Applications * **1U/2U Servers:** Used in narrow spaces requiring massive airflow. * **Networking Switches:** Cooling high-speed ASICs. * **Industrial Inverters:** Managing heat in power conversion electronics.
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (Airflow) rating for this specific model?
    • ⤷ How does the counter-rotating blade design affect noise levels compared to single-rotor fans?
    • ⤷ What are the common failure modes for these high-speed electronic fans?