Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M93C46-RBN3TP/S

  • AI
    ## Technical Overview of M93C46-RBN3TP/S The **M93C46-RBN3TP/S** is a specific variant of the widely used 1-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory). It is designed for low-power applications and is produced by **STMicroelectronics**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1024 bits) | | **Organization** | Configurable: 64 x 16-bit or 128 x 8-bit | | **Interface** | MICROWIRE (3-Wire Serial) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (@ 5V), 1 MHz (@ 1.8V) | | **Write Cycles** | More than 1 million cycles | | **Data Retention** | > 40 Years | | **Operating Temperature** | -40°C to +125°C | | **Package** | SOT23-5 | --- ### 2. Part Number Breakdown Understanding the suffix helps identify the specific environmental and packaging standards: * **M93C46**: Base model (1-Kbit Microwire EEPROM). * **-R**: Operating voltage range (1.8V to 5.5V). * **BN**: Package type (likely SOT23 or similar small footprint, though "MN" usually denotes SO8). * **3**: Temperature range (-40 to +125°C). * **TP**: Tape and Reel packaging. * **S**: Specific process technology or "Sensitive" identification (often related to high-reliability automotive or industrial flows). --- ### 3. Pin Configuration and Functions Typically, in a SOT23-5 or similar small-outline package, the pins function as follows: | Pin Name | Description | Function | | :--- | :--- | :--- | | **S** | Chip Select | Activates the device when High. | | **D** | Serial Data Input | Receives instructions and data. | | **Q** | Serial Data Output | Transfers data out of the device. | | **C** | Serial Clock | Synchronizes data movement. | | **Vcc / Vss** | Power / Ground | Supply voltage and reference ground. | --- ### 4. Operational Features * **Sequential Read:** Allows reading the entire memory contents with a single instruction by continuing to provide clock pulses. * **Self-Timed Programming:** The device handles the internal write cycle timing automatically, so the host MCU doesn't need to track the 5ms-10ms write time manually. * **Hardware/Software Data Protection:** Includes a "Write Enable" and "Write Disable" instruction set to prevent accidental data corruption during power-up or power-down. --- ### 5. Common Applications Due to its small size and low power consumption, this part is frequently found in: * **Automotive:** Storing calibration data or odometer settings. * **Consumer Electronics:** Storing user preferences in remote controls or cameras. * **Industrial:** Parameter storage for sensors and small IoT nodes.
    ✨ Follow-up Questions
    • ⤷ How does the MICROWIRE interface differ from I2C or SPI?
    • ⤷ What is the specific physical footprint dimensions of the SOT23-5 package?
    • ⤷ Can this EEPROM be used in 5V logic systems without a level shifter?