Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M93C46-RMB6P

  • AI
    The **M93C46-RMB6P** is a specific variant of the 93C46 family of serial EEPROM (Electrically Erasable Programmable Read-Only Memory) devices. These components are widely used for non-volatile storage of configuration data, calibration parameters, and device IDs. --- ### 1. Key Technical Specifications The part number suffix "RMB6P" provides specific details about the voltage range, package, and temperature grade. | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit | | **Interface** | MICROWIRE (3-wire serial interface) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Dual Flat No-lead | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Data Retention** | > 40 Years | | **Endurance** | 1 Million Write Cycles | --- ### 2. Pin Configuration (UFDFPN8) The M93C46-RMB6P typically follows a standard MICROWIRE pinout: 1. **S (Chip Select):** High signal activates the device. 2. **C (Serial Clock):** Synchronizes data movement. 3. **D (Serial Data Input):** Receives opcodes, addresses, and data. 4. **Q (Serial Data Output):** Outputs data during read cycles. 5. **Vss:** Ground. 6. **ORG (Organization):** High = x16 mode; Low/GND = x8 mode. 7. **DU (Do Not Use):** Should be left floating or grounded. 8. **Vcc:** Power Supply. --- ### 3. Functional Features * **Sequential Read:** The device allows reading the entire memory contents sequentially by holding the Chip Select high and continuing to provide clock pulses. * **Write Protection:** It includes instructions to Enable/Disable write operations (`WEN` / `WDS`) to prevent accidental data corruption. * **Self-Timed Programming:** The write cycle is internal and self-timed, meaning the system MCU can perform other tasks while the EEPROM finishes the physical write process. * **Ready/Busy Status:** During a write cycle, the Data Out (Q) pin can be polled to check if the device is busy or ready for the next command. --- ### 4. Application Examples Because of its small form factor (UFDFPN8) and low voltage range, this part is ideal for: * **Handheld Electronics:** Storing user settings in battery-powered devices. * **Networking Equipment:** Storing MAC addresses or serial numbers. * **Industrial Sensors:** Storing calibration data that must persist after power loss. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MICROWIRE and SPI protocols in EEPROMs?
    • ⤷ How does the ORG pin impact the memory addressing logic?
    • ⤷ What are the PCB soldering considerations for the UFDFPN8 package?